Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 39 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 35Page - STMicroelectronics A5975D Datasheet HTML 36Page - STMicroelectronics A5975D Datasheet HTML 37Page - STMicroelectronics A5975D Datasheet HTML 38Page - STMicroelectronics A5975D Datasheet HTML 39Page - STMicroelectronics A5975D Datasheet HTML 40Page - STMicroelectronics A5975D Datasheet HTML 41Page - STMicroelectronics A5975D Datasheet HTML 42Page - STMicroelectronics A5975D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
A5975D
Application information
Doc ID 018760 Rev 1
39/50
Equation 40
Equation 41
An important point to take into account is that the ground pin of the device is connected to
the negative output voltage. Therefore, the device is subjected to a voltage equal to VIN-VO,
which must be lower than 36 V (the maximum operating input voltage).
Figure 27.
Negative buck-boost regulator
8.9
Floating boost current generator
The A5975D does not support a nominal boost conversion as this topology requires a low
side switch, however, a floating boost can be useful in applications where the load can be
floating. A typical example is a current generator for LED driving, as the LED does not
require a connection to the ground.
Figure 28.
Floating boost topology
D
5
512
+
----------------
0.706
==
I
SW
I
LOAD
1D
–
---------------
0.5
10.706
–
------------------------
1.7A
==
=
AM09693v1
10V
A5975D
4.7
6.8
6
470
ESR>35m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com