Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 32 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 28Page - STMicroelectronics A5975D Datasheet HTML 29Page - STMicroelectronics A5975D Datasheet HTML 30Page - STMicroelectronics A5975D Datasheet HTML 31Page - STMicroelectronics A5975D Datasheet HTML 32Page - STMicroelectronics A5975D Datasheet HTML 33Page - STMicroelectronics A5975D Datasheet HTML 34Page - STMicroelectronics A5975D Datasheet HTML 35Page - STMicroelectronics A5975D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Application information
A5975D
32/50
Doc ID 018760 Rev 1
8.4
RMS current of the embedded power MOSFET
As the A5975D embeds the high side switch, the internal power dissipation is sometimes
the bottleneck for the output current capability (refer to Section 8.3 for the estimation of the
operating temperature).
Nevertheless, as mentioned in the general description on page 1, the device can manage a
continuous output current of 3 A in most of the application conditions.
However, the rated maximum RMS current of the power elements is 2 A, where:
and the real duty cycle D:
Fixing the limit of 2 A for IRMS HS, the maximum output current can be derived, as illustrated
in Figure 18.
Figure 18.
Maximum continuous output current vs. duty cycle
8.5
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 nsec) and the switching
frequency to approximately one third of its nominal value even when synchronized to an
external signal (see Section 5.4: Current protection). In these conditions, the duty cycle is
strongly reduced and, in most applications, this is enough to limit the current to ILIM. In any
event, in case of heavy short-circuit at the output (VO = 0 V) and depending on the
application conditions (VCC value and parasitic effect of external components), the current
peak could reach values higher than ILIM.
I
RMS HS
I
LOAD
D
⋅
=
D
V
OUT
R
DS (on) LS
DCR
+
() I
LOAD
⋅
+
V
IN
R
DS (on) LS
R
DS (on) HS
–
() I
LOAD
⋅
+
------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com