Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 9Page - STMicroelectronics UM0240 Datasheet HTML 10Page - STMicroelectronics UM0240 Datasheet HTML 11Page - STMicroelectronics UM0240 Datasheet HTML 12Page - STMicroelectronics UM0240 Datasheet HTML 13Page - STMicroelectronics UM0240 Datasheet HTML 14Page - STMicroelectronics UM0240 Datasheet HTML 15Page - STMicroelectronics UM0240 Datasheet HTML 16Page - STMicroelectronics UM0240 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
UM0240
10-bit digital-to-analog converter (DAC)
13/39
4
10-bit digital-to-analog converter (DAC)
The Industrial Communication Board embeds a 10(12)-bit buffered voltage-output DAC
implemented by the AD5317 (AD5327) converter from Analog Devices. The IC provides four
buffered rail-to-rail outputs, in the range 0 ÷ Vcc, with a slew rate of 0.7 V/µs.
The DAC is controlled by the Microcontroller (PC2, PC3, PC4) through a 3-wires serial
interface and is compatible with SPI, QSPI, MICROWIRE and DSP interface standards.
The AD5317 is connected to the microcontroller through its SPI interface (MOSI to DIN and
SCK to SCLK). The references for the four DACs are derived from two reference pins:
VrefAB for VoutA and VoutB, VrefCD for VoutC and VoutD. These reference inputs can be
configured as buffered or unbuffered inputs, through interface command.
On the Industrial board the reference for the output pair AB is connected directly to Vcc
supply, while the VrefCD is available in a double option configuration, thanks to the jumper
JP3:
1.
Connected to the VCC supply
2.
Connected to the DAC output VoutB. This option is designed in order to provide a fine
voltage adjustment for the CD output pair DAC reference: this function is suitable, e.g.,
in Motor Control Applications using Micro-stepping technique, for the synthesis of
discrete sinusoidal waveforms. In fact, while the DAC output VoutC or VoutD can
generate a discrete sinusoidal waveform, the DAC output VoutB is able to control the
amplitude of the said signal, in order to control finely the torque of the stepper motor.
The AD5317(AD5327) DACs incorporate a power-on reset circuit, which ensures that the
DAC outputs power up to 0 V and remain there until a valid write to the device takes place.
There is also an asynchronous active low CLR pin, connected to the RES line of Industrial
board, that clears all DACs to 0 V. The outputs of all DACs may be updated simultaneously
using the asynchronous LDAC input, controlled by the MCU pin PD1.
The DAC IC contains a power-down feature that reduces the current consumption of the
devices to 300 nA @ 5 V, by setting all outputs in high impedance state. The devices goes
into power-down mode when the pin PD connected to the PD2 MCU line is tied low.
On the PLM connector, the four DAC outputs VOUTA, VOUTB, VOUTC and VOUTD are
available directly, while on the Motor connector, VREF_A and VREF_B are available. These
two signals are provided by the two difference amplifiers U3A and U3B implemented by
LM358.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com