Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 21Page - STMicroelectronics UM0240 Datasheet HTML 22Page - STMicroelectronics UM0240 Datasheet HTML 23Page - STMicroelectronics UM0240 Datasheet HTML 24Page - STMicroelectronics UM0240 Datasheet HTML 25Page - STMicroelectronics UM0240 Datasheet HTML 26Page - STMicroelectronics UM0240 Datasheet HTML 27Page - STMicroelectronics UM0240 Datasheet HTML 28Page - STMicroelectronics UM0240 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
UM0240
Applications
25/39
applications. Both PLC Reference Design boards include a Power Supply section,
specifically tailored for matching Power Line coupling requirements, and a Transceiver
section designed around the ST PLC chipset, including a 16-MHz crystal oscillator and an
external passive coupling filter for impedance adapting and noise filtering.
The Industrial Communication Board plus a PLC Reference Design board form a complete
PLC node. With the two boards together, and using the ST7538/40 Demo SW Tool, it is
possible to evaluate ST PLC chipset features and their transmitting and receiving
performances through an actual communication interface on the Power Line.
9.2
Motor control
ST Motor Control devices deal with many different applications, each of them having a
specific evaluation board controlled by means of the ST Industrial Communication Board.
Figure 13.
Motor control evaluation board EVAL6207N
Table 7 summarizes the ST Motor Control Evaluation Board family.
All Motor Control evaluation boards can be connected to the Industrial Communication
Board via connector J7.
Table 7.
ST motor control evaluation boards
Device
Evaluation Board
L6205 PowerDIP
EVAL6205N
L6206 PowerDIP
EVAL6206N
L6206 PowerSO
EVAL6206PD
L6207N PowerDIP
EVAL6207N
L6208 PowerDIP
EVAL6208N
L6208 PowerSO
EVAL6208PD
L6235 PowerDIP
EVAL6235N
L6225 PowerSO
EVAL6225PD
L6227 PowerSO
EVAL6227PD
L6229 PowerSO
EVAL6229PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com