Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 25Page - STMicroelectronics UM0240 Datasheet HTML 26Page - STMicroelectronics UM0240 Datasheet HTML 27Page - STMicroelectronics UM0240 Datasheet HTML 28Page - STMicroelectronics UM0240 Datasheet HTML 29Page - STMicroelectronics UM0240 Datasheet HTML 30Page - STMicroelectronics UM0240 Datasheet HTML 31Page - STMicroelectronics UM0240 Datasheet HTML 32Page - STMicroelectronics UM0240 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
UM0240
Software
29/39
Figure 16.
The main window
Through the Main Window it is possible to access all software functions. Four different
panels are available:
●
Control Register Panel
Controls present on Control Register Panel allow to modify all the Control Register
Parameters and to write/read the ST7538/ST7540 Control Register.
●
Transmission Panel
Two method of transmission are available: Sequence and Continuous. With Sequence
method a message can be transmitted across the Mains for n Times, with a delay
between transmissions of 300ms.
Selecting Continuous transmission mode a unique transmission session is performed
and the message to transmit is sent repeatedly across the Mains until the transmission
is interrupted by user or by a Time Out event.
On Industrial Communication Board the transmission session is notified by means of
orange led DL4 that is turned on when the line Rx/Tx is put to "0" logic (i.e. TX session
is on going). When a Time Out Event occurs, the red led DL2 is turned on too.
●
Receiving Panel
When the device is in Reception mode the green led DL3 of Industrial Communication
Board is turned on.
Two reception methods are available:
–
Reception with synchronization
Due to fact that is not possible to know when the ST7538/ST7540 begins to
demodulate data incoming from the mains, frame synchronization can be required
in order to know when data flow begins. When Frame synchronization is enabled,
the data flow from modem is filtered from the MCU and only when a header is
recognized the data are sent to PC. In this way is assured that, if the transmitted
message is preceded by a preamble (i.e. 0xAAAA o 0x5555) and a header (i.e.
0x9B58), all the following bits are correctly sent to PC. In ST7540 this function can
be performed directly by the modem itself programming the Control register so no
controls are present on the reception window.
–
Reception without synchronization
With this method, data incoming from the modem are sent directly to the PC.
●
Ping Panel
In order to evaluate the reliability of a communication between two or more devices a
Ping session can be performed. A full variety of statistical data can be collected and an
algorithm of error correction is also included. The ping session consists of a Master that
1
MENU BAR
TOOLBAR
STATUS BA R
1
2
3
PRO GRAM SECTIONS:
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com