Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 26Page - STMicroelectronics UM0240 Datasheet HTML 27Page - STMicroelectronics UM0240 Datasheet HTML 28Page - STMicroelectronics UM0240 Datasheet HTML 29Page - STMicroelectronics UM0240 Datasheet HTML 30Page - STMicroelectronics UM0240 Datasheet HTML 31Page - STMicroelectronics UM0240 Datasheet HTML 32Page - STMicroelectronics UM0240 Datasheet HTML 33Page - STMicroelectronics UM0240 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Software
UM0240
30/39
sends a sequence of messages to one or more Slaves. If the messages are correctly
received from Slaves, they are re-sent to the Master.
11.2
Motor control
Motor Control FW loaded on Industrial Communication Board can be accessed by the user
through a dedicated GUI.
SW is able to recognize the attached evaluation board and automatically set up the specific
controls.
Using the control panel, the operating conditions for the application can be selected. For
example for Stepper Motors, there is stepping mode selection.
From the control panel, full step (normal), half step or micro stepping mode (micro stepping
is only supported for the L6208) can be selected.
Other controls on the top line let the user select the direction of rotation and the decay mode
during recirculation.
Figure 17.
Stepper motor GUI
The actual movement parameters are selected in the second and third row of controls. The
controls on the second row allow the user to set the top speed and the acceleration and
deceleration rate.
The typical run profile for a movement includes an acceleration ramp, constant velocity run
and deceleration ramp as shown here. All of these parameters are set on the control panel.
In many applications, the torque needed to accelerate and decelerate is significantly larger
than that required for the constant speed running so the designer may want to drive the
motor with a higher current during the acceleration and deceleration time and then drop the
current to a lower level during the constant speed portion of the movement to reduce the
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com