Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 10Page - STMicroelectronics UM0240 Datasheet HTML 11Page - STMicroelectronics UM0240 Datasheet HTML 12Page - STMicroelectronics UM0240 Datasheet HTML 13Page - STMicroelectronics UM0240 Datasheet HTML 14Page - STMicroelectronics UM0240 Datasheet HTML 15Page - STMicroelectronics UM0240 Datasheet HTML 16Page - STMicroelectronics UM0240 Datasheet HTML 17Page - STMicroelectronics UM0240 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Operational amplifiers (OpAmp)
UM0240
14/39
5
Operational amplifiers (OpAmp)
The LM358 consists of two independent, high gain (100 dB), high bandwidth (1.1 MHz) and
internally compensated operational amplifiers. In the Industrial Communication Board the
two amplifiers are designed in differential configuration, with a bipolar power supply 5V ÷ -
5V. The output signals consists of the difference signals VREF_A and VREF_B, obtained by:
●
VREF_A = VOUTC - VOUTA
●
VREF_B = VOUTD - VOUTA
The main purpose of the two OPAMPs is then to provide an analog voltage shifting of the
two signals VOUTC and VOUTD, with a voltage shift equal to VOUTA. The bipolar power
supply of the OPAMPs guarantees an output swing both positive and negative to the
resulting signals VREF_A and VREF_B.
This feature is important, for example in Motor Control Applications using Micro-stepping
techniques, for the synthesis of discrete sinusoidal waveforms: the OPAMPs analog shifting
provides the centering of the sinusoidal signal generated by the DACs around the 0 voltage
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com