Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 28Page - STMicroelectronics UM0240 Datasheet HTML 29Page - STMicroelectronics UM0240 Datasheet HTML 30Page - STMicroelectronics UM0240 Datasheet HTML 31Page - STMicroelectronics UM0240 Datasheet HTML 32Page - STMicroelectronics UM0240 Datasheet HTML 33Page - STMicroelectronics UM0240 Datasheet HTML 34Page - STMicroelectronics UM0240 Datasheet HTML 35Page - STMicroelectronics UM0240 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Appendix
UM0240
32/39
12
Appendix
12.1
Reference
●
Datasheets:
–
ST232 5V Powered Multi-channel RS-232 Drivers and Receivers
–
STS4DPF20L Dual P-channel 20V - 0.07 W - 4A SO-8 STripFET™ Power
MOSFET
–
LM158,A-LM258,A, LM358, A Low Power Dual Operational Amplifiers
–
AD5307/AD5317/AD5327 8-/10-/12-Bit DACs
–
ST662A DC-DC Converter from 5V to 12V, 0.03A for Flash Memory Programming
Supply
–
ST7265x Low-power, Full-speed USB 8-bit MCU with 32K Flash, 5K RAM, Flash
Card I/F, Timer, PWM, ADC, I2C, SPI
–
L5973D 2.5A Switch Step Down Switching Regulator
●
User manuals:
–
UM0239 ST7540 Power line modem Demokit GUI
–
UM0241 ST7538 Power line modem Demokit GUI
●
Application note:
–
AN2044 Operating principles for Practispin stepper motor motion control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com