Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 31Page - STMicroelectronics UM0240 Datasheet HTML 32Page - STMicroelectronics UM0240 Datasheet HTML 33Page - STMicroelectronics UM0240 Datasheet HTML 34Page - STMicroelectronics UM0240 Datasheet HTML 35Page - STMicroelectronics UM0240 Datasheet HTML 36Page - STMicroelectronics UM0240 Datasheet HTML 37Page - STMicroelectronics UM0240 Datasheet HTML 38Page - STMicroelectronics UM0240 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
UM0240
Appendix
37/39
1
R12
Resistance 300K 1%
0603
1
R13
Resistance 1K5 1%
0603
9
R14, R15, R17:R22, R27
Resistance 10K 1%
0603
1
R23
Resistance 8K25 1%
0603
1
R26
Resistance 2K7
0603
1
SW1:SW5
Button
PTH
2
U1, U7
STS5DPF20L
SO8
1
U2
ST72F651
TQFP
1
U3
LM358
SO8
1
U4
AD5317
TSSOP
1
U5
L5973D
HSOP8
1
U6
ST662A
SO8
1
U8
ST232B
1
Y1
12MHz Oscillator
HC49SR
Table 8.
Bil of materials (continued)
Qty
Reference
Description
Pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com