Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0240 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 24Page - STMicroelectronics UM0240 Datasheet HTML 25Page - STMicroelectronics UM0240 Datasheet HTML 26Page - STMicroelectronics UM0240 Datasheet HTML 27Page - STMicroelectronics UM0240 Datasheet HTML 28Page - STMicroelectronics UM0240 Datasheet HTML 29Page - STMicroelectronics UM0240 Datasheet HTML 30Page - STMicroelectronics UM0240 Datasheet HTML 31Page - STMicroelectronics UM0240 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Software
UM0240
28/39
11
Software
Users can interact with application boards by means of specific control SW, developed to
give user-friendly Graphical User Interfaces (GUIs).
GUIs are specific for the different supported applications.
11.1
PLC ST7538/40 DEMOKIT software evaluation tool
The "ST7538/40 DEMOKIT Software Evaluation Tool" allows interfacing one or more ST
Power Line Modem Demo Boards with a Personal Computer. Supported Demo Boards are
those equipped with devices ST7538 and ST7540. The Software automatically recognizes
which type of device is connected to the PC and looks slightly different depending on the
connected device.
Figure 15.
A simple schematic of the PLC application environment
With the "ST7538/40 Software Evaluation tool" it is possible to:
●
write/read ST7538 or ST7540 Control Register
●
open a Tx session
●
open a Rx session
●
open a Ping session (two or more devices required)
11.1.1
The user interface
The Main Window of the "ST7538/40 DEMOKIT Software Evaluation Tool" Program has the
following appearance:
PERSONAL
COMPUTER
DEMO BOARD
ST7538/40 DEMOKIT
Software Evaluation Tool
CTRL REGISTER PROGRAMMING
RX SESSION
TX SESSION
PING SESSION
ST7538 or ST7540
uC
RS-232
MAINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com