Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 48Page - STMicroelectronics UM2071 Datasheet HTML 49Page - STMicroelectronics UM2071 Datasheet HTML 50Page - STMicroelectronics UM2071 Datasheet HTML 51Page - STMicroelectronics UM2071 Datasheet HTML 52Page - STMicroelectronics UM2071 Datasheet HTML 53Page - STMicroelectronics UM2071 Datasheet HTML 54Page - STMicroelectronics UM2071 Datasheet HTML 55Page - STMicroelectronics UM2071 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Schematic diagrams
UM2071
52/56
DocID029370 Rev 3
Figure 27: STEVAL-IDB007V1 micro
MICRO
VLCD
OSC_IN
OSC_OUT
NRST
VDDA
USBDM
USBDP
VDD2
VLCD
VDD1
VDD2
VDDA
NRST
VDD3
JTMS
TXD1
OE
USART1_RX
USART1_TX
USART1_TX
USART1_RX
OSC_IN
OSC_OUT
1-2SEL
3-4SEL
DIO7
VDD
VDD
VDD
VDD
VDD
VDD
C40
100 n_0402
C37
100 n_0402
C39
1u_0402
C38
100 n_0402
JP3
USART
2
C42
20p_0402
U8
STM32L151CBU6
VLCD
1
PC13 RTC_AF1- W KUP2
2
PC14-OSC32_IN
3
PC15-OSC32_OUT
4
PH0-OSC_IN
5
PH1-OSC_OUT
6
NRST
7
VSSA
8
VDDA
9
PA0- W KUP1
10
PA1
11
PA2
12
VDD_2
36
VSS_2
35
PA13
34
PA12
33
PA11
32
PA10
31
PA9
30
PA8
29
PB15
28
PB14
27
PB13
26
PB12
25
C35
100 n_0402
C41
1u_0402
R47
10K_0402
C43
20p_0402
X1
8MHz
C36
100 n_0402
R51
1M_0402
GSPG1105161540SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com