Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 44Page - STMicroelectronics UM2071 Datasheet HTML 45Page - STMicroelectronics UM2071 Datasheet HTML 46Page - STMicroelectronics UM2071 Datasheet HTML 47Page - STMicroelectronics UM2071 Datasheet HTML 48Page - STMicroelectronics UM2071 Datasheet HTML 49Page - STMicroelectronics UM2071 Datasheet HTML 50Page - STMicroelectronics UM2071 Datasheet HTML 51Page - STMicroelectronics UM2071 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Schematic diagrams
UM2071
48/56
DocID029370 Rev 3
16
Schematic diagrams
Figure 22: STEVAL-IDB007V1 arduino connectors
Figure 23: STEVAL-IDB007V1 JTAG
ARDUINO
CONNECTORS
DIO0
DIO12
DIO1
DIO7
DIO5
DIO0
RESETN
DIO2
DIO3
DIO8
DIO4
RESETN
DIO6
DIO3
DIO2
DIO11
DIO8
DIO11
ADC1
ADC2
DIO13
DIO14
TEST1
VBLUE
VBLUE
R25
0_0402
R1
0_0402
R2
0_0402
CN1
NC
1
2
3
4
5
6
7
8
9
10
R6
0_0402
R8
0_0402
R7
0_0402
R22
0_0402
R18
0_0402
R11
0_0402
R9
0_0402
R24
0_0402
R4
0_0402
R20
0_0402
R3
0_0402
R13
0_0402
R12
0_0402
CN4
NC
1
2
3
4
5
6
R14
0_0402
R15
0_0402
R19
0_0402
R17
0_0402
CN3
NC
1
2
3
4
5
6
7
8
R10
0_0402
CN2
NC
1
2
3
4
5
6
7
8
R16
0_0402
R5
0_0402
R21
0_0402
R23
0_0402
GSPG1105161500SG
ST Link: 3.0-3.6V, 5V tolerant
IAR J-Link: 1.2-3.6V, 5V tolerant
Male Connector
2x10 HDR straight
RS 473-8282
JTAG
JTMS-SWTDIO
JTCK-SWTCK
DIO0
DIO1
RESETN
GND
VBLUE
CN7
SWD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
GSPG1105161505SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com