Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 9Page - STMicroelectronics UM2071 Datasheet HTML 10Page - STMicroelectronics UM2071 Datasheet HTML 11Page - STMicroelectronics UM2071 Datasheet HTML 12Page - STMicroelectronics UM2071 Datasheet HTML 13Page - STMicroelectronics UM2071 Datasheet HTML 14Page - STMicroelectronics UM2071 Datasheet HTML 15Page - STMicroelectronics UM2071 Datasheet HTML 16Page - STMicroelectronics UM2071 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
UM2071
Hardware description
DocID029370 Rev 3
13/56
2.9
LEDs
LEDs DL1 (yellow), DL2 (red), DL3 (blue) and DL4 (green, power LED) are available on the
board (Figure 2: "STEVAL-IDB007V1 board components"
– regions G and P).
2.10
STM32L151CBU6 microcontroller
The most important feature of the STM32L151CBU6 48-pin microcontroller (Figure 2:
"STEVAL-IDB007V1 board components"
– regions Q) is the USB to serial bridge providing
an I/O channel with the BlueNRG-1 device.
The microcontroller is connected to the BlueNRG-1 device through an ST2378E level
translator (region R).
The STM32L microcontroller on the board is not intended to be programmed by
users. ST provides a pre-programmed firmware image for the sole purpose of
interfacing BlueNRG-1 to a USB host device (e.g., a PC).
2.11
Current measurements
To monitor the power consumption of the BlueNRG-1 only, remove the jumper from JP4
and insert an ammeter between pins 1 and 2 of the connector (when the power is ON,
remove the USB connection).
Since power consumption of the BlueNRG-1is usually very low, an accurate instrument in
the range of few micro amps is recommended.
2.12
Hardware setup
1.
Connect an antenna to the SMA connector
2.
Configure the board to USB power supply mode as per the jumper settings in Table 3:
"STEVAL-IDB007V1 kit platform power supply modes"
3.
Connect the board to a PC via USB cable (connector CN5)
4.
Verify the power indication LED DL4 is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com