Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 31Page - STMicroelectronics UM2071 Datasheet HTML 32Page - STMicroelectronics UM2071 Datasheet HTML 33Page - STMicroelectronics UM2071 Datasheet HTML 34Page - STMicroelectronics UM2071 Datasheet HTML 35Page - STMicroelectronics UM2071 Datasheet HTML 36Page - STMicroelectronics UM2071 Datasheet HTML 37Page - STMicroelectronics UM2071 Datasheet HTML 38Page - STMicroelectronics UM2071 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
UM2071
BlueNRG-1 sensor profile demo
DocID029370 Rev 3
35/56
10.1
BlueNRG app for smartphones
An application is available for iOS™ and Android™ smartphones or tablets that also works
with the BlueNRG-1 BLE sensor profile demo. This app enables notification of the
acceleration characteristic and displays the value on screen. Data from environmental
sensors are also periodically read and displayed.
Figure 21: BlueNRG sensor app
10.2
BlueNRG-1 sensor profile demo: connection with a central
device
This section describes how to interact with a central device, while the BlueNRG-1 BLE
stack is acting as a peripheral. The central device may be another BlueNRG-1 device
acting as a BLE master, or any other Bluetooth smart or Bluetooth smart ready device.
The BlueNRG-1 BLE stack must first be set up by sending a series of BLE API commands
to the processor.
10.2.1
Initialization
The BlueNRG-1 BLE stack must be correctly initialized before establishing a connection
with another Bluetooth LE device. This is done via:
aci_gatt_init();
aci_gap_init(GAP_PERIPHERAL_ROLE, 0, 0x07, &service_handle, &dev_name_char_handle,
&appearance_char_handle);
See BlueNRG-1 BLE stack API documentation for more information on these and following
commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com