Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 48Page - STMicroelectronics UM2071 Datasheet HTML 49Page - STMicroelectronics UM2071 Datasheet HTML 50Page - STMicroelectronics UM2071 Datasheet HTML 51Page - STMicroelectronics UM2071 Datasheet HTML 52Page - STMicroelectronics UM2071 Datasheet HTML 53Page - STMicroelectronics UM2071 Datasheet HTML 54Page - STMicroelectronics UM2071 Datasheet HTML 55Page - STMicroelectronics UM2071 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
UM2071
Schematic diagrams
DocID029370 Rev 3
53/56
Figure 28: STEVAL-IDB007V1 USB, level translator, JTAG for micro
USB
JTAG FOR MICRO
JTMS
JTCK
JTDO
JTDI
DM
DP
USBDP
USBDM
DP
DM
USB_5V
VDD
VDD
R44
0_0402
CN5
USB micro B
Vcc
1
D-
2
D+
3
ID
4
GND
5
GND
6
GND
7
GND
8
GND
11
GND
10
GND
9
C33
100n_0402
U9
USBLC6-2SC6
I/O11
1
GND
2
I/O21
3
I/O22
4
VBUS
5
I/O12
6
CN6
CONN
1
2
3
4
5
6
7
8
9
10
R45
0_0402
R43
NC
LEVEL TRANSLATOR
OE
RXD
TXD1
PB2
TXD
SPI_CS1/RXD
DIO7
VDD
VBLUE
U10
ST2378E
Vl
1
I/OVl1
2
I/OVcc2
3
I/OVl3
4
I/OVcc4
5
I/OVl5
6
I/OVcc6
7
I/OVl7
8
I/OVcc8
9
Gnd
10
Vcc
20
I/OVcc1
19
I/OVl2
18
I/OVcc3
17
I/OVl4
16
I/OVcc5
15
I/OVl6
14
I/OVcc7
13
I/OVl8
12
OE
11
R49 0_0402
R52
0_0402
R50
10k_0402
R48
0_0402
GSPG1105161600SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com