Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 18Page - STMicroelectronics UM2071 Datasheet HTML 19Page - STMicroelectronics UM2071 Datasheet HTML 20Page - STMicroelectronics UM2071 Datasheet HTML 21Page - STMicroelectronics UM2071 Datasheet HTML 22Page - STMicroelectronics UM2071 Datasheet HTML 23Page - STMicroelectronics UM2071 Datasheet HTML 24Page - STMicroelectronics UM2071 Datasheet HTML 25Page - STMicroelectronics UM2071 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
BlueNRG-1 Flasher utility
UM2071
22/56
DocID029370 Rev 3
Figure 15: BlueNRG-1 Flasher utility device memory viewer
Click the ‘Read’ button to transfer the memory segment defined by ‘Start Address and
‘Size’ into the table.
The first column gives the base address of the following 16 bytes in a row (e.g., row
0x10040050, column 4 holds the hexadecimal byte value at 0x10040054.
You can change byte values by double-clicking a cell and entering a new hexadecimal
value; edited bytes appear in red.
Click the ‘Write’ button to flash the entire page with the new byte values into device
memory.
Figure 16: BlueNRG-1 Flasher utility changing memory fields
4.2.5
Using BlueNRG-1 Flasher utility with other boards
The BlueNRG-1 Flasher
– Utility automatically detects BlueNRG-1 evaluation boards like
STEVAL-IDB007V1 and uses an auxiliary STM32 to (driven by the GUI) to reset the
BlueNRG-1 and put it into bootloader mode.
The application also works with custom boards providing simple UART access to the
BlueNRG-1 device, but you must put the device in bootloader mode manually. Upon the
selection of any non-STEVAL COM port, the following popup appears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com