Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 37Page - STMicroelectronics UM2071 Datasheet HTML 38Page - STMicroelectronics UM2071 Datasheet HTML 39Page - STMicroelectronics UM2071 Datasheet HTML 40Page - STMicroelectronics UM2071 Datasheet HTML 41Page - STMicroelectronics UM2071 Datasheet HTML 42Page - STMicroelectronics UM2071 Datasheet HTML 43Page - STMicroelectronics UM2071 Datasheet HTML 44Page - STMicroelectronics UM2071 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
UM2071
BLE notification consumer demonstration
application
DocID029370 Rev 3
41/56
14
BLE notification consumer demonstration
application
The BLE ANCS demonstration application configures a BlueNRG-1 device as a BLE
notification consumer, which facilitates Bluetooth accessory access to the many
notifications generated on a notification provider.
After reset, the demo places the BlueNRG-1 in advertising with device name "ANCSdemo"
and sets the BlueNRG-1 authentication requirements to enable bonding.
When the device is connected and bonded with a notification provider, the demo configures
the BlueNRG-1 notification consumer device to discover the service and the characteristics
of the notification provider. When the setup phase is complete, the BlueNRG-1 device is
configured as a notification consumer able to receive the notifications sent from the
notification provider.
The BLE notification consumer demonstration application is supported by the BlueNRG-1
development platform (STEVAL-IDB007V1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com