Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2071 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 35Page - STMicroelectronics UM2071 Datasheet HTML 36Page - STMicroelectronics UM2071 Datasheet HTML 37Page - STMicroelectronics UM2071 Datasheet HTML 38Page - STMicroelectronics UM2071 Datasheet HTML 39Page - STMicroelectronics UM2071 Datasheet HTML 40Page - STMicroelectronics UM2071 Datasheet HTML 41Page - STMicroelectronics UM2071 Datasheet HTML 42Page - STMicroelectronics UM2071 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
UM2071
BlueNRG-1 throughput demonstration
application
DocID029370 Rev 3
39/56
13
BlueNRG-1 throughput demonstration application
The BlueNRG-1 throughput demonstration application provides some basic throughput
demonstration applications to provide some reference figures regarding the achievable
Bluetooth low energy data rate using the BlueNRG-1 device.
The throughput application scenarios provided are:
1.
Unidirectional scenario: the server device sends characteristic notifications to a client
device.
2.
Bidirectional scenario: the server device sends characteristic notifications to a client
device and client device sends write without response characteristics to the server
device.
The throughput application exposes one service with two (20 byte max.) characteristic
values:
The TX characteristic, with which the client can enable notifications; when the server
has data to be sent, it sends notifications with the value of the TX characteristic.
The RX characteristic, is a writable characteristic; when the client has data to be sent
to the server, it writes a value in this characteristic.
The device roles which can be selected are:
1.
Server, which exposes the service with the TX, RX characteristics (BLE peripheral
device)
2.
Client, which uses the service TX, RX characteristics (BLE central device).
Each device role has two instances for each throughput scenario (unidirectional,
bidirectional).
The BlueNRG-1 HID/HOGP demonstration applications are supported by the BlueNRG-1
development platform (STEVAL-IDB007V1).
13.1
BLE unidirectional throughput scenario
The unidirectional throughput scenario lets you perform a unidirectional throughput test
where a server device sends notification to a client device.
To run this scenario:
Program the client unidirectional application on one BlueNRG-1 platform and reset it.
The platform is seen on the PC as a virtual COM port.
Open the port in a serial terminal emulator (the required serial port baudrate is
921600)
Program the server unidirectional application on a second BlueNRG-1 platform and
reset it.
The two platforms try to establish a connection; if successful, the slave continuously
sends notifications of TX characteristic (20 bytes) to the client.
After every 500 packets, the measured application unidirectional throughput is
displayed.
13.2
BLE bidirectional throughput scenario
The bidirectional throughput scenario lets you perform a bidirectional throughput test where
the server device sends notifications to a client device and client device sends write without
response characteristics to the server device.
To run this scenario:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com