Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 9Page - STMicroelectronics L6751C Datasheet HTML 10Page - STMicroelectronics L6751C Datasheet HTML 11Page - STMicroelectronics L6751C Datasheet HTML 12Page - STMicroelectronics L6751C Datasheet HTML 13Page - STMicroelectronics L6751C Datasheet HTML 14Page - STMicroelectronics L6751C Datasheet HTML 15Page - STMicroelectronics L6751C Datasheet HTML 16Page - STMicroelectronics L6751C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
DocID025037 Rev 1
13/57
L6751C
Pin description and connection diagrams
57
B24
SVDATA
SVD
D
Serial data.
A27
BOOT /
TMAX
A
Connect a resistor divider to GND/VCC5 in order to define BOOT and TMAX
registers. See Table 10 on page 23 for details.
D4
VCC5
A
Main IC power supply.
Operative voltage is 5 V ± 5%. Filter with 1
F MLCC to GND (typ.).
A28
GDC
A
Gate drive control pin.
Used for efficiency optimization, see Section 9 on page 41 for details. If not
used, it can be left floating. Always filter with 1
F MLCC to GND.
B25
NC
-
Not internally bonded.
A29
VDRV
A
Driving voltage for external drivers.
Connect to the selected voltage rail to drive external MOSFET when in
maximum power conditions. IC switches GDC voltage between VDRV and
VCC5 to implement efficiency optimization according to selected strategies.
B26
NC
-
Not internally bonded.
A30
COMP /
ADDR
A
Error amplifier output.
Connect with an (RF - CF)// CP to FB. The device cannot be disabled by pulling
low this pin.
Connect RCOMP = 12.5 k to GND to extend PMBus addressing range (see
Table 9 on page 22).
B27
FB
A
Error amplifier inverting input.
Connect with a resistor RFB // (RI - CI) to VSEN and with an (RF - CF)// CP to
COMP.
A31
VSEN
A
Output voltage monitor, manages OV and UV protection.
Connect to the positive side of the load to perform remote sense.
B28
FBR
A
Remote buffer positive sense.
Connect to the positive side of the multi-phase load to perform remote sense.
A32
LTB
A
LTB Technology input pin. See Section 11.2 on page 47 for details.
B29
RGND
A
Remote ground sense.
Connect to the negative side of the multi-phase load to perform remote sense.
A33
REF
A
The reference used for the multi-phase section regulation is available on this
pin with -125 mV offset. Connect through an RREF - CREF to GND to optimize
DVID transitions. Connect through ROS resistor to FB pin to implement small
positive offset to the regulation.
B30
IMON
A
Current monitor output.
A current proportional to the multi-phase load current is sourced from this pin.
Connect through a resistor RMON to GND. The information available on this
pin is used for the current reporting and DPM. The pin can be filtered through
CIMON to GND.
Table 2. Pin description (continued)
Pin no.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com