Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 36Page - STMicroelectronics L6751C Datasheet HTML 37Page - STMicroelectronics L6751C Datasheet HTML 38Page - STMicroelectronics L6751C Datasheet HTML 39Page - STMicroelectronics L6751C Datasheet HTML 40Page - STMicroelectronics L6751C Datasheet HTML 41Page - STMicroelectronics L6751C Datasheet HTML 42Page - STMicroelectronics L6751C Datasheet HTML 43Page - STMicroelectronics L6751C Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Single NTC thermal monitor and compensation
L6751C
40/57
DocID025037 Rev 1
increases. Uncompensated systems show temperature dependencies on the regulated
voltage, overcurrent protection and current reporting.
The temperature information available on the TM/STM pin and used for thermal monitoring
may be used also for this purpose. By comparing the voltage on the TM/STM pin with the
voltage present on the TCOMP/STCOMP pin, the L6751C corrects the IDROOP/ISDROOP
current used for voltage positioning (see Section 6.3 on page 29), so recovering the DCR
temperature deviation. Depending on NTC location and distance from the inductors and the
available airflow, the correlation between NTC temperature and DCR temperature may be
different: TCOMP/STCOMP adjustments allow the gain between the sensed temperature
and the correction made on the IDROOP/ISDROOP current to be modified.
Short TCOMP/STCOMP to GND to disable thermal compensation (no correction of
IDROOP/ISDROOP is made).
8.3
TM/STM and TCOMP/STCOMP design
This procedure applies to both single-phase and multi-phase sections.
1.
Properly choose the resistive network to be connected to the TM pin. Recommended
values/network is reported in Figure 11.
2.
Connect voltage generator to the TCOMP pin (default value 3.3 V).
3.
Power on the converter and load the thermal design current (TDC) with the desired
cooling conditions. Record the output voltage regulated as soon as the load is applied.
4.
Wait for thermal steady-state. Adjust down the voltage generator on the TCOMP pin in
order to get the same output voltage recorded at point #3.
5.
Design the voltage divider connected to TCOMP (between VCC5 and GND) in order to
get the same voltage set to TCOMP at point #4.
6.
Repeat the test with the TCOMP divider designed at point #5 and verify the thermal
drift is acceptable. In the case of positive drift (i.e. output voltage at thermal steady-
state is bigger than output voltage immediately after loading TDC current), change the
divider at the TCOMP pin in order to reduce the TCOMP voltage. In the case of
negative drift (i.e. output voltage at thermal steady-state is smaller than output voltage
immediately after loading TDC current), change the divider at the TCOMP pin in order
to increase the TCOMP voltage.
7.
The same procedure can be implemented with a variable resistor in place of one of the
resistors of the divider. In this case, once the compensated configuration is found,
simply replace the variable resistor with a resistor with the same value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com