Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 21Page - STMicroelectronics L6751C Datasheet HTML 22Page - STMicroelectronics L6751C Datasheet HTML 23Page - STMicroelectronics L6751C Datasheet HTML 24Page - STMicroelectronics L6751C Datasheet HTML 25Page - STMicroelectronics L6751C Datasheet HTML 26Page - STMicroelectronics L6751C Datasheet HTML 27Page - STMicroelectronics L6751C Datasheet HTML 28Page - STMicroelectronics L6751C Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
DocID025037 Rev 1
25/57
L6751C
Device configuration and pin-strapping tables
57
56
36
12 A
+20 A
1
+22 A
+22 A
1
18
13
0
0
15
12
+16 A
1
+14 A
1
18
16
0
0
15
14.7
+10 A
1
+8 A
1
10
11
0
0
18
22
+6 A
1
DPM OFF
1
56
75
0
0
10
15
8 A
+20 A
1
+14 A
+22 A
1
12
20
0
0
12
22.6
+16 A
1
+14 A
1
39
82
0
0
47
110
+10 A
1
+8 A
1
10
27
0
0
22
68
+6 A
1
DPM OFF
1
10
36
0
0
18
75
OFF
(12 A)(4)
+20 A
1
+8 A
+22 A
1
15
75
0
0
10
59
+16 A
1
+14 A
1
10
75
0
0
10
100
+10 A
1
+8 A
1
10
150
0
0
10
220
+6 A
1
DPM OFF(5)
1
10
Open
0
0
1. Suggested values, divider needs to be connected between VCC5 pin and GND.
2. Transition threshold specified as delta with respect to previous step (DPM23 is wrt DPM12).
3. GDC threshold is defined by combining GDC0 and GDC1 bits defined between the two different pin-strappings DPM1-3 and
DPM4-6. See Table 12 for details.
4. Transition between 1Phase and 2Phase operation is set to 12 A but disabled in PS00h.
5. Dynamic phase management disabled, IC always working at maximum possible number of phases except from when in
>PS00h when transitioning between 1Phase and 2Phase at 12 A.
Table 11. DPM pin-strapping(1) (continued)
Rdown [k
]Rup [k]
DPM1-3(2), (3)
DPM4-6(2), (3)
DPM12
DPM23
GDC0
DPM34
DPM46
GDC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com