Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 19Page - STMicroelectronics L6751C Datasheet HTML 20Page - STMicroelectronics L6751C Datasheet HTML 21Page - STMicroelectronics L6751C Datasheet HTML 22Page - STMicroelectronics L6751C Datasheet HTML 23Page - STMicroelectronics L6751C Datasheet HTML 24Page - STMicroelectronics L6751C Datasheet HTML 25Page - STMicroelectronics L6751C Datasheet HTML 26Page - STMicroelectronics L6751C Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
DocID025037 Rev 1
23/57
L6751C
Device configuration and pin-strapping tables
57
.
10
220
0000b
(VR12)
C0h / 80h
ON
ON
10
Open
OFF
1. Recommended values, divider needs to be connected between VCC5 pin and GND.
2. In DDR mode, when enabled, droop has 1/4th scaling factor.
3. SVI address for multi-phase. Single-phase is further offset by 0001b. In AMD mode, SVI address defaults according to
AMD specifications.
4. PMBus address for multi-phase (read/write). Single-phase is further offset by 02h. When in VR12 CPU mode,
RCOMP = 12.5 k
 to GND, select between Cxh (Open) and 8xh (if installed) PMBus address.
Table 9. ADDR pin-strapping(1), (2) (continued)
Rdown [k
]Rup [k]
ADDR
ADDR (3)
PMBADDR(4)
JMode
DROOP multi-
phase
DROOP single-
phase
Table 10. BOOT / TMAX pin-strapping(1), (2)
Rdown
[k
]
Rup
[k
]
BOOT - Intel address 0000b(3)
Intel address 0010b, 0100b (3)
TMAX [C]
Multi-
phase
Single-
phase
Link rest
JMode
VBOOT
Link rest
10
1.5
1.000 V
0.000 V
VSA
32
sec
(debug)
ON
1.500 V
32
sec
(debug)
130
10
2.7
120
22
6.8
110
10
3.6
100
27
11
1.000 V
1.000 V
VSA
32
sec
(debug)
10
sec
(functional)
130
12
5.6
120
82
43
110
13
7.5
100
56
36
0.000 V
1.100 V
VSA
10
sec
(functional)
ON
1.350 V
32
sec
(debug)
130
18
13
120
15
12
110
18
16
100
15
14.7
0.000 V
1.000 V
VSA
10
sec
(functional)
10
sec
(functional)
130
10
11
120
18
22
110
56
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com