Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 1 Page - STMicroelectronics

  L6751C Datasheet HTML 1Page - STMicroelectronics L6751C Datasheet HTML 2Page - STMicroelectronics L6751C Datasheet HTML 3Page - STMicroelectronics L6751C Datasheet HTML 4Page - STMicroelectronics L6751C Datasheet HTML 5Page - STMicroelectronics L6751C Datasheet HTML 6Page - STMicroelectronics L6751C Datasheet HTML 7Page - STMicroelectronics L6751C Datasheet HTML 8Page - STMicroelectronics L6751C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
This is information on a product in full production.
July 2013
DocID025037 Rev 1
1/57
L6751C
Digitally controlled dual PWM for Intel VR12 and AMD SVI
Datasheet
- production data
Features
 VR12 compliant with 25 MHz SVID bus rev. 1.5
– SerialVID with programmable IMAX,
TMAX, VBOOT, ADDRESS
 AMD SVI compliant
 Second generation LTB Technology™
 Flexible driver/DrMOS support
 JMode support
 Fully configurable through PMBus™
 Dual controller:
– Up to 6 phases for CORE and memory
– 1 phase for graphics (GFX), system agent
(VSA) or Northbridge (VDDNB)
 Single NTC design for TM, LL and IMON
thermal compensation (for each section)
 VFDE and GDC - gate drive control for
efficiency optimization
 DPM - dynamic phase management
 Dual remote sense; 0.5% VOUT accuracy
 Full-differential current sense across DCR
 AVP - adaptive voltage positioning
 Dual independent adjustable oscillator
 Dual current monitor
 Pre-biased output management
 Average and per-phase OC protection
 OV, UV and FB disconnection protection
 Dual VR_RDY
 WPLGA72 6 x 6 mm package
Applications
 High-current VRM / VRD for desktop / server /
workstation Intel® / AMD CPUs
 DDR3 memory supply
Description
The L6751C device is a universal digitally
controlled dual PWM DC-DC designed to power
Intel’s VR12 and AMD SVI processors and
memories: all required parameters are
programmable through dedicated pin-strapping
and PMBus interface. The device features up to
6-phase programmable operation for multi-phase
sections and a single-phase with independent
control loops. When configured for memory
supply, single-phase (VTT) reference is always
tracking multi-phase (VDDQ) scaled by a factor of
2. The L6751C supports power state transitions
featuring VFDE, programmable DPM and GDC
maintaining the best efficiency over all loading
conditions without compromising transient
response. The device assures fast and
independent protection against load overcurrent,
under/overvoltage and feedback disconnections.
The device is available in WPLGA72 6 x 6 mm
package.
WPLGA72 6 x 6 mm
Table 1. Device summary
Order code
Package
Packaging
L6751C
WPLGA72 6 x 6 mm
Tray
L6751CTR
WPLGA72 6 x 6 mm
Tape and reel
www.st.com


Similar Part No. - L6751C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6751 STMICROELECTRONICS-L6751 Datasheet
861Kb / 59P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Nov-2012
L6751B STMICROELECTRONICS-L6751B Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751BTR STMICROELECTRONICS-L6751BTR Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751TR STMICROELECTRONICS-L6751TR Datasheet
861Kb / 59P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Nov-2012
More results

Similar Description - L6751C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6328 INTERSIL-ISL6328 Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
June 7, 2011
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
STMicroelectronics
L6751B STMICROELECTRONICS-L6751B Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751 STMICROELECTRONICS-L6751 Datasheet
861Kb / 59P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Nov-2012
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324 RENESAS-ISL6324 Datasheet
1Mb / 38P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
ISL6328 RENESAS-ISL6328 Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328A RENESAS-ISL6328A Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
ISL6324A RENESAS-ISL6324A Datasheet
1Mb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com