Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 18Page - STMicroelectronics L6751C Datasheet HTML 19Page - STMicroelectronics L6751C Datasheet HTML 20Page - STMicroelectronics L6751C Datasheet HTML 21Page - STMicroelectronics L6751C Datasheet HTML 22Page - STMicroelectronics L6751C Datasheet HTML 23Page - STMicroelectronics L6751C Datasheet HTML 24Page - STMicroelectronics L6751C Datasheet HTML 25Page - STMicroelectronics L6751C Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Device configuration and pin-strapping tables
L6751C
22/57
DocID025037 Rev 1
Table 9. ADDR pin-strapping(1), (2)
Rdown [k
]Rup [k]
ADDR
ADDR (3)
PMBADDR(4)
JMode
DROOP multi-
phase
DROOP single-
phase
10
1.5
AMD mode
CCh
n/a
ON
ON
10
2.7
OFF
22
6.8
C8h
ON
10
3.6
OFF
27
11
C4h
ON
12
5.6
OFF
82
43
C0h
ON
13
7.5
OFF
56
36
0100b
(VR12)
EEh
n/a
ON
OFF
18
13
OFF
15
12
EAh
ON
18
16
OFF
15
14.7
E6h
ON
10
11
OFF
18
22
E2h
ON
56
75
OFF
10
15
0010b
(VR12)
ECh
n/a
ON
OFF
12
20
OFF
12
22.6
E8h
ON
39
82
OFF
47
110
E4h
ON
10
27
OFF
22
68
E0h
ON
10
36
OFF
18
75
0000b
(VR12)
CCh / 8Ch
ON
ON
15
75
OFF
10
59
C8h / 88h
ON
10
75
OFF
10
100
C4h / 84h
ON
10
150
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com