Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 10Page - STMicroelectronics L6751C Datasheet HTML 11Page - STMicroelectronics L6751C Datasheet HTML 12Page - STMicroelectronics L6751C Datasheet HTML 13Page - STMicroelectronics L6751C Datasheet HTML 14Page - STMicroelectronics L6751C Datasheet HTML 15Page - STMicroelectronics L6751C Datasheet HTML 16Page - STMicroelectronics L6751C Datasheet HTML 17Page - STMicroelectronics L6751C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Pin description and connection diagrams
L6751C
14/57
DocID025037 Rev 1
2.2
Thermal data
Table 3. Thermal data
A34
SVR_RDY
(PWROK)
D
VR Ready (Intel mode). Open drain output set free after SS has finished and
pulled low when triggering any protection for the single-phase section. Pull up
to a voltage lower than 3.3 V (typ.), if not used it can be left floating.
PowerOK (AMD mode). System-wide Power Good input. When low, the
device decodes SVC and SVD to determine the boot voltage.
B31
ENDRV
D
Enable driver.
CMOS output driven high when the IC commands the drivers. Used in
conjunction with the Hi-Z window on the PWMx pins to optimize the multi-
phase section overall efficiency. Connect directly to external driver enable pin.
A35
PWM6
D
PWM output.
Connect to related multi-phase channel external driver PWM input. During
normal operation the device is able to manage Hi-Z status by setting and
holding the PWMx pin to fixed voltage defined before. See Table 7 on page 20
for phase number programming.
B32
PWM5
D
A36
PWM4
D
PAD
GND
A
GND connection. All internal references and logic are referenced to this pin.
Filter to VCC with proper MLCC capacitor and connect to the PCB GND
plane.
1. D = digital, A = analog.
Table 2. Pin description (continued)
Pin no.
Name
Type
Function
Symbol
Parameter
Value
Unit
RTHJA
Thermal resistance junction-to-ambient
(device soldered on 2s2p PC board)
40
°C/W
RTHJC
Thermal resistance junction-to-case
1
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
0 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com