Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751C Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 24Page - STMicroelectronics L6751C Datasheet HTML 25Page - STMicroelectronics L6751C Datasheet HTML 26Page - STMicroelectronics L6751C Datasheet HTML 27Page - STMicroelectronics L6751C Datasheet HTML 28Page - STMicroelectronics L6751C Datasheet HTML 29Page - STMicroelectronics L6751C Datasheet HTML 30Page - STMicroelectronics L6751C Datasheet HTML 31Page - STMicroelectronics L6751C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Output voltage positioning
L6751C
28/57
DocID025037 Rev 1
6
Output voltage positioning
Output voltage positioning is performed by selecting the controller operative-mode, as per
Table 6 on page 20, for the two sections and by programming the droop function effect (see
Figure 6). The controller reads the current delivered by each section by monitoring the
voltage drop across the DCR inductors. The current (IDROOP / ISDROOP) sourced from the
FB / SFB pins, directly proportional to the read current, causes the related section output
voltage to vary according to the external RFB / RSFB resistor, therefore implementing the
desired load-line effect.
The L6751C embeds a dual remote-sense buffer to sense remotely the regulated voltage of
each section without any additional external components. In this way, the output voltage
programmed is regulated compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Figure 6. Voltage positioning
6.1
Multi-phase section - phase # programming
The multi-phase section implements a flexible 3 to 6 interleaved-phase converter. To proram
the desired number of phases, simply short to VCC5 the PWMx signal that is not required,
according to Table 7 on page 20.
Caution:
For the disabled phase(s), the current reading pins need to be properly connected to avoid
errors in current-sharing and voltage-positioning: CSxP needs to be connected to the
regulated output voltage while CSxN needs to be connected to CSxP through the same RG
resistor used for the active phases.
6.2
Multi-phase section - current reading and current sharing
loop
The L6751C embeds a flexible, fully-differential current sense circuitry that is able to read
across inductor parasitic resistance or across a sense resistor placed in series to the
inductor element. The fully-differential current reading rejects noise and allows the sensing
element to be placed in different locations without affecting measurement accuracy. The
Ref. from DAC
FB
COMP
VSEN
FBR
RF
CF
RFB
To VddCORE
(Remote Sense)
RGND
AM14814v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com