Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC0 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRC0
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRC0 Datasheet HTML 5Page - STMicroelectronics SRC0 Datasheet HTML 6Page - STMicroelectronics SRC0 Datasheet HTML 7Page - STMicroelectronics SRC0 Datasheet HTML 8Page - STMicroelectronics SRC0 Datasheet HTML 9Page - STMicroelectronics SRC0 Datasheet HTML 10Page - STMicroelectronics SRC0 Datasheet HTML 11Page - STMicroelectronics SRC0 Datasheet HTML 12Page - STMicroelectronics SRC0 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DocID026008 Rev 2
9/48
SRC0
Pin descriptions
48
2
Pin descriptions
VCC - power supply input
VCC is monitored during startup and normal operation for sufficient voltage level. Decouple
the VCC pin from ground by placing a 0.1 µF capacitor as close to the device as possible.
SR - Smart Reset™ button input
This input is equipped with voltage detector with a factory-trimmed threshold and has ±8 kV
HBM ESD protection.
Both PB and SR buttons have to be pressed and held for tSRD period so the long push is
recognized and the reset is asserted (or the enable output is deasserted depending on the
option) - see Figure 13, 14, and 15.
Active low SR input is usually connected to GND through the momentary push-button (see
Figure 1) and it has an optional 100 k
 pull-up resistor. It is also possible to drive this input
using an external device with either open drain (recommended) or push-pull output. Open
drain output can be connected in parallel with push-button or other open drain outputs,
which is not possible with push-pull output. SR input is monitored for falling edge after
power-up and must not be grounded permanently.
VREF - external precise 1.5 V voltage reference
This 1.5 V voltage reference is specified with very tight accuracy of 1% (see Table 5). It has
proper output voltage as soon as the reset output is deasserted (i.e. after tREC expires) and
it is disabled when the device enters standby mode. A mandatory capacitor needs to be
connected to VREF output (even if VREF is not used). Capacitor value of 1 µF is
recommended.
PSHOLD input
This input is equipped with a voltage detector with a factory-trimmed threshold. It is used to
confirm correct power-up of the device (if EN or EN is not asserted) or to initiate a shutdown
(if EN or EN is asserted).
Forcing PSHOLD high during power-up confirms the proper start of the application and keeps
enable output asserted. Because most processors have outputs in high-Z state before
initialization, an internal pull-down resistor is connected to PSHOLD input during startup (see
Figure 7, 8, 9, 10, 11, 12, 13, and 18).
Forcing the PSHOLD signal low during normal operation deasserts the enable output (see
Figure 12). Input voltage on this pin is compared to an accurate voltage reference.
CSRD - Smart Reset
™ delay time input
A capacitor to ground determines the additional time (tSRD) that PB with SR must be
pressed and held before a long push is recognized. The connected CSRD capacitor is
charged with ISRD current. Additional Smart Reset
™ delay time t
SRD ends when voltage on
the CSRD capacitor reaches the VSRD voltage threshold. It is recommended to use a low
ESR capacitor (e.g. ceramic). If the capacitor is not used, leave the CSRD pin open. If no
capacitor is connected, there is no tSRD and a long push is recognized right after tINT_Min
expires (see Figure 18 and 19).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com