Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC0 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SRC0
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SRC0 Datasheet HTML 35Page - STMicroelectronics SRC0 Datasheet HTML 36Page - STMicroelectronics SRC0 Datasheet HTML 37Page - STMicroelectronics SRC0 Datasheet HTML 38Page - STMicroelectronics SRC0 Datasheet HTML 39Page - STMicroelectronics SRC0 Datasheet HTML 40Page - STMicroelectronics SRC0 Datasheet HTML 41Page - STMicroelectronics SRC0 Datasheet HTML 42Page - STMicroelectronics SRC0 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DocID026008 Rev 2
39/48
SRC0
DC and AC characteristics
48
7
DC and AC characteristics
This section summarizes the operating measurement conditions and the DC and AC
characteristics of the device. The parameters inTable 5 that follow are derived from tests
performed under the measurement conditions summarized in Table 4. Designers should
check that the operating conditions in their circuit match the operating conditions when
relying on the quoted parameters.
Table 4. Operating and AC measurement conditions
Parameter
Condition
Unit
VCC supply voltage
1.6 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Input rise and fall times
_5ns
Table 5. DC and AC characteristics
Symbol
Parameter
Test condition(1)
Min.
Typ.(2)
Max.
Unit
VCC
Supply voltage
1.6
5.5
V
ICC
Supply current
VCC = 3.6 V, no load
6.0
8.0
µA
Standby mode, enable
deasserted, VCC = 3.6 V
0.6
1.0
µA
VTH+
Power-on lockout voltage
3.29
3.40
3.51
V
VHYST
Threshold hysteresis
200
mV
500
VTH–
Forced power-off voltage
VTH+ – VHYST
V
tTH–
Undervoltage detection to
INT delay
VCC 2.0V20
32
44
ms
tON_BLANK Blanking period
(3)
1.4
2.2
3.0
s
5.6
8.8
12.0
11.2
17.6
24.0
RST assertion to EN (EN)
assertion delay during
power-up
VCC 3.6 V
100
ns
PB
VIL
Input low voltage
VCC 2.0V, enable asserted
0.99
V
VIH
Input high voltage
VCC 2.0V, enable asserted
1.05
V
tDEBOUNC
E
Debounce period
VCC 2.0V20
32
44
ms
RPB
Internal pull-up resistor
VCC = 5.5 V, input asserted
65
100
135
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com