Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC0 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SRC0
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0 Datasheet(HTML) 5 Page - STMicroelectronics

  SRC0 Datasheet HTML 1Page - STMicroelectronics SRC0 Datasheet HTML 2Page - STMicroelectronics SRC0 Datasheet HTML 3Page - STMicroelectronics SRC0 Datasheet HTML 4Page - STMicroelectronics SRC0 Datasheet HTML 5Page - STMicroelectronics SRC0 Datasheet HTML 6Page - STMicroelectronics SRC0 Datasheet HTML 7Page - STMicroelectronics SRC0 Datasheet HTML 8Page - STMicroelectronics SRC0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
DocID026008 Rev 2
5/48
SRC0
Description
48
1
Description
The SRC0 devices monitor the state of connected push-button(s) as well as sufficient
supply voltage. An enable output controls power for the application through the MOSFET
transistor, DC-DC converter, regulator, etc. If the supply voltage is above a precise voltage
threshold, the enable output can be asserted by a simple press of the button. Factory-
selectable supply voltage thresholds are determined by highly accurate and temperature-
compensated references. An interrupt is asserted by pressing the push-button during
normal operation and can be used to request a system power-down. The interrupt is also
asserted if undervoltage is detected. By a long push of one button (PB) or two buttons (PB
and SR) either a reset is asserted or power for the application is disabled depending on the
option used.
The device also offers additional features such as precise 1.5 V voltage reference with very
tight accuracy of 1%, separate output indicating undervoltage detection and separate output
for distinguishing between interrupt by push-button or undervoltage.
The device consumes very low current of 6 µA during normal operation and only 0.6 µA
current during standby.
The SRC0 is available in the TDFN12 package and is offered in several options among
features such as selectable threshold, hysteresis, timeouts, output types, etc.
Figure 1. Application hookup
1.
A resistor is required for open drain output type only. A 10 k
 pull-up is sufficient in most applications.
2.
Capacitor CREF is mandatory on VREF output (even if VREF is not used). Capacitor value of 1 µF is
recommended.
3.
For the SRC0 the processor has to confirm the proper power-on during the fixed time period, tON_BLANK.
This failsafe feature prevents the user from turning on the system when there is a faulty power switch or an
unresponsive microprocessor.
SRC0
(3)
PB OUT
VREF
VCCLO
PB
VCC
SR
GND
INT
PS HOLD
RST
CSRD
EN (EN)
DC-DC converter,
power MOSFET,
regulator, etc.
LED
R1
CSRD
CREF
(2)
R3
(1)
R4
(1)
AM00246v5
BASEBAND
RST
I/O
NMI or INT
I/O
VDD
MCU
CPU
R5
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com