Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC0 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SRC0
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0 Datasheet(HTML) 1 Page - STMicroelectronics

  SRC0 Datasheet HTML 1Page - STMicroelectronics SRC0 Datasheet HTML 2Page - STMicroelectronics SRC0 Datasheet HTML 3Page - STMicroelectronics SRC0 Datasheet HTML 4Page - STMicroelectronics SRC0 Datasheet HTML 5Page - STMicroelectronics SRC0 Datasheet HTML 6Page - STMicroelectronics SRC0 Datasheet HTML 7Page - STMicroelectronics SRC0 Datasheet HTML 8Page - STMicroelectronics SRC0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
This is information on a product in full production.
May 2014
DocID026008 Rev 2
1/48
SRC0
Smart push-button on/off controller with Smart Reset™ and
power-on lockout
Datasheet
- production data
Features
 Operating voltage 1.6 V to 5.5 V
 Low standby current of 0.6 µA
 Adjustable Smart Resetassertion delay time
driven by external CSRD
 Power-up duration determined primarily by
push-button press
 Debounced PB and SR inputs
 PB and SR ESD inputs withstand voltage up to
±15 kV (air discharge) ±8 kV (contact
discharge)
 Active high or active low enable output option
(EN or EN) provides control of MOSFET, DC-
DC converter, regulator, etc.
 Secure startup, interrupt, Smart Resetor
power-down driven by push-button
 Precise 1.5 V voltage reference with 1%
accuracy
 Industrial operating temperature -40 to +85 °C
 Available in TDFN12 2 x 3 mm package
Applications
 Wearable
 Activity tracker
 Smartwatch
 Smartglasses
TDFN12
Table 1. Device summary
Device
RST
CSRD
PB / SR
EN or EN
INT
Startup process
SRC0
open drain(1)
3
3
push-pull
open drain(1)
PB must be held low until the
PSHOLD
(2) confirmation
1.
External pull-up resistor needs to be connected to open drain outputs.
2.
For a successful startup, the PSHOLD (Power Supply Hold) needs to be pulled high within specific time, tON_BLANK.
www.st.com


Similar Part No. - SRC0

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
Receiver with Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
OC-3/STM-1 Receiver with Clock Recovery
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
Low clamping voltage
SRC0524P SEMITECH-SRC0524P Datasheet
134Kb / 3P
Ultra Low Capacitance ESD Protection Array
SRC0524P SEMITECH-SRC0524P Datasheet
134Kb / 3P
Ultra LowCapacitance ESD Protection Array
More results

Similar Description - SRC0

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
PUSH BUTTON BOXES
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
CW Industries
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
LinkCom Manufacturing C...
DAL003N000NNN3-00G LINKCOM-DAL003N000NNN3-00G Datasheet
192Kb / 3P
Digital scene switch (Push Button) Powered by DC
logo
Schneider Electric
9001KR25GM SCHNEIDER-9001KR25GM Datasheet
151Kb / 5P
Momentary Push Button
Dec 23, 2021
logo
Littelfuse
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com