Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC0 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SRC0
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SRC0 Datasheet HTML 37Page - STMicroelectronics SRC0 Datasheet HTML 38Page - STMicroelectronics SRC0 Datasheet HTML 39Page - STMicroelectronics SRC0 Datasheet HTML 40Page - STMicroelectronics SRC0 Datasheet HTML 41Page - STMicroelectronics SRC0 Datasheet HTML 42Page - STMicroelectronics SRC0 Datasheet HTML 43Page - STMicroelectronics SRC0 Datasheet HTML 44Page - STMicroelectronics SRC0 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
DocID026008 Rev 2
41/48
SRC0
DC and AC characteristics
48
VOH
(5)
Output high voltage
VCC = 2 V, ISOURCE = 1 mA,
enable asserted
VCC
0.3
V
tEN_OFF
(6)
enable off to enable on
VCC 2.0V40
64
88
ms
EN, EN leakage current
VEN = 2 V, enable open drain
–0.1
+0.1
µA
RST
VOL
Output low voltage
VCC = 2 V, ISINK = 1 mA,
RST asserted
0.3
V
tREC
RST pulse width
VCC 2.0V
240
360
480
ms
RST leakage current
VRST = 3V
–0.1
+0.1
µA
INT
VOL
Output low voltage
VCC = 2 V, ISINK = 1 mA,
INT asserted
0.3
V
tINT_Min
Minimum INT pulse width
VCC 2.0V20
32
44
ms
INT leakage current
VINT = 3 V
–0.1
+0.1
µA
VREF
VREF
1.5 V voltage reference
VCC = 3.6 V, load on VREF pin
100 k
 and mandatory 1 µF
capacitor, TA = 25 °C
1.485
–1%
1.5
1.515
+1%
V
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 1.6 V to 5.5 V (except where noted).
2.
Typical values are at TA = +25 °C.
3.
This blanking time allows the processor to start up correctly (see Figure 7, 8, 9, 10, 11, 12).
4.
The internal pull-up resistor connected to the SR input is optional.
5.
Valid for push-pull only.
6.
Minimum delay time between enable deassertion and enable reassertion, allowing the application to complete the power-
down properly. PB is ignored during this period.
Table 5. DC and AC characteristics (continued)
Symbol
Parameter
Test condition(1)
Min.
Typ.(2)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com