Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC0 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SRC0
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SRC0 Datasheet HTML 25Page - STMicroelectronics SRC0 Datasheet HTML 26Page - STMicroelectronics SRC0 Datasheet HTML 27Page - STMicroelectronics SRC0 Datasheet HTML 28Page - STMicroelectronics SRC0 Datasheet HTML 29Page - STMicroelectronics SRC0 Datasheet HTML 30Page - STMicroelectronics SRC0 Datasheet HTML 31Page - STMicroelectronics SRC0 Datasheet HTML 32Page - STMicroelectronics SRC0 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
DocID026008 Rev 2
29/48
SRC0
Typical operating characteristics
48
Figure 25. Supply current vs. supply voltage, normal state
Figure 26. Supply current vs. supply voltage, standby state
0
1
2
3
4
5
6
7
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply voltage, V
CC
(V)
T
A
= 85 °C
T
A
= 25 °C
T
A
= 0 °C
T
A
= –40 °C
AM04703v1
0.0
0.5
1.0
1.5
2.02.5
3.03.5
4.04.5
5.05.5
Supply voltage, V
CC
(V)
T
A
= 85 °C
T
A
= 25 °C
T
A
= 0 °C
T
A
= –40 °C
AM04704v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com