Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC0 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SRC0
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0 Datasheet(HTML) 4 Page - STMicroelectronics

  SRC0 Datasheet HTML 1Page - STMicroelectronics SRC0 Datasheet HTML 2Page - STMicroelectronics SRC0 Datasheet HTML 3Page - STMicroelectronics SRC0 Datasheet HTML 4Page - STMicroelectronics SRC0 Datasheet HTML 5Page - STMicroelectronics SRC0 Datasheet HTML 6Page - STMicroelectronics SRC0 Datasheet HTML 7Page - STMicroelectronics SRC0 Datasheet HTML 8Page - STMicroelectronics SRC0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
List of figures
SRC0
4/48
DocID026008 Rev 2
List of figures
Figure 1.
Application hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Basic functionality (option with enable deassertion after long push) . . . . . . . . . . . . . . . . . . 6
Figure 3.
Basic functionality (option with RST assertion after long push) . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
TDFN12 pin connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
Successful power-up on SRC0 (PB released prior to tON_BLANK expiration) . . . . . . . . . . . 14
Figure 8.
Successful power-up on SRC0 (tON_BLANK expires prior to PB release) . . . . . . . . . . . . . . 15
Figure 9.
Unsuccessful power-up on SRC0 (PB released prior to tON_BLANK) . . . . . . . . . . . . . . . . . 16
Figure 10.
Unsuccessful power-up on SRC0 (tON_BLANK expires prior to PB release) . . . . . . . . . . . . 17
Figure 11.
Successful power-up on SRC0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 12.
Unsuccessful power-up on SRC0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 13.
Power-up on STM660x with voltage dropout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 14.
PB interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 15.
Long push, PB pressed first . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 16.
Long push, SR pressed first . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 17.
Invalid long push . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 18.
Long push (option with RST assertion). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 19.
Long push (option with enable deassertion) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 20.
Undervoltage detected for <tSRD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 21.
Undervoltage detected for >tSRD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 22.
PBOUT output waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 23.
Supply current vs. temperature, normal state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 24.
Supply current vs. temperature, standby state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 25.
Supply current vs. supply voltage, normal state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 26.
Supply current vs. supply voltage, standby state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 27.
Threshold vs. temperature, VTH+ = 3.4 V (typ.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 28.
Threshold hysteresis vs. temperature, VHYST = 200 mV (typ.) . . . . . . . . . . . . . . . . . . . . . . 30
Figure 29.
Debounce period vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 30.
CSRD charging current vs. temperature, VCC = 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 31.
Output low voltage vs. output low current, TA = 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 32.
Output high voltage vs. output high current, TA = 25 °C. . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 33.
Output voltage vs. supply voltage, IOUT = 1 mA, TA = 25 °C . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 34.
Input voltage vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 35.
Reference output voltage vs. temperature, VCC = 2.0 V. . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 36.
Reference output voltage vs. load current, VCC = 2.0 V, TA = 25 °C . . . . . . . . . . . . . . . . . 34
Figure 37.
Reference output voltage vs. supply voltage, TA = 25 °C. . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 38.
Reference startup, IREF = 15 µF, TA = 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 39.
Reference response to steps on supply voltage, IREF = 15 µA, TA = 25 °C . . . . . . . . . . . . 36
Figure 40.
Reference response to steps in load current, VCC = 3.6 V, TA = 25 °C . . . . . . . . . . . . . . . 37
Figure 41.
TDFN12 (2 x 3 mm) package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 42.
TDFN12 (2 x 3 mm) recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 43.
Carrier tape for TDFN12 (2 x 3 mm) package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com