Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXU0 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 26Page - STMicroelectronics ST7FOXU0 Datasheet HTML 27Page - STMicroelectronics ST7FOXU0 Datasheet HTML 28Page - STMicroelectronics ST7FOXU0 Datasheet HTML 29Page - STMicroelectronics ST7FOXU0 Datasheet HTML 30Page - STMicroelectronics ST7FOXU0 Datasheet HTML 31Page - STMicroelectronics ST7FOXU0 Datasheet HTML 32Page - STMicroelectronics ST7FOXU0 Datasheet HTML 33Page - STMicroelectronics ST7FOXU0 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 123 page
background image
Supply, reset and clock management
ST7FOXU0
30/123
6.2.2
Internal RC oscillator
In this mode, the tunable RC oscillator is used as main clock source. The two oscillator pins
have to be tied to ground.
The calibration is done through the RCCRH[7:0] and RCCRL[6:5] registers.
6.3
Reset sequence manager (RSM)
6.3.1
Introduction
The reset sequence manager includes three RESET sources as shown in Figure 12:
External RESET source pulse
Internal LVD RESET (Low Voltage Detection)
Internal WATCHDOG RESET
Note:
A reset can also be triggered following the detection of an illegal opcode or prebyte code.
Refer to Section 11.2.1 on page 89 for further details.
These sources act on the RESET pin and it is always kept low during the delay phase.
The RESET service routine vector is fixed at addresses FFFEh-FFFFh in the ST7 memory
mapping.
The basic RESET sequence consists of 3 phases as shown in Figure 11:
Active Phase depending on the RESET source
256 or 512 CPU clock cycle delay (see Table 6)
Caution:
When the ST7 is unprogrammed or fully erased, the Flash is blank and the Reset vector is
not programmed. For this reason, it is recommended to keep the RESET pin in low state
until programming mode is entered, in order to avoid unwanted behavior.
The 256 or 512 CPU clock cycle delay allows the oscillator to stabilize and ensures that
recovery has taken place from the Reset state. The shorter or longer clock cycle delay is
automatically selected depending on the clock source chosen by option byte.
The Reset vector fetch phase duration is 2 clock cycles.
Table 6.
CPU clock delay during Reset sequence
Clock source
CPU clock cycle delay
Internal RC 8 MHz Oscillator
512
Internal RC 32 kHz Oscillator
256
External clock connected to CLKIN pin
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com