Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXU0 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 30Page - STMicroelectronics ST7FOXU0 Datasheet HTML 31Page - STMicroelectronics ST7FOXU0 Datasheet HTML 32Page - STMicroelectronics ST7FOXU0 Datasheet HTML 33Page - STMicroelectronics ST7FOXU0 Datasheet HTML 34Page - STMicroelectronics ST7FOXU0 Datasheet HTML 35Page - STMicroelectronics ST7FOXU0 Datasheet HTML 36Page - STMicroelectronics ST7FOXU0 Datasheet HTML 37Page - STMicroelectronics ST7FOXU0 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 123 page
background image
Supply, reset and clock management
ST7FOXU0
34/123
6.3.6
Multiplexed IO reset control register 1 (MUXCR1)
Reset value: 0000 0000 (00h)
6.3.7
Multiplexed IO reset control register 0 (MUXCR0)
Reset value: 0000 0000 (00h)
Bits 15:0 = MIR[15:0]
This 16-bit register is read/write by software but can be written only once between two
reset events. It is cleared by hardware after a reset; When both MUXCR0 and
MUXCR1 registers are at 00h, the multiplexed PA3/RESET pin will act as RESET. To
configure this pin as output (Port A3), write 55h to MUXCR0 and AAh to MUXCR1.
These registers are one-time writable only.
To configure PA3 as general purpose output:
After power-on / reset, the application program has to configure the I/O port by writing
to these registers as described above. Once the pin is configured as an I/O output, it
cannot be changed back to a reset pin by the application code.
To configure PA3 as RESET:
An internally generated reset (such as POR, WDG, illegal opcode) will clear the two
registers and the pin will act again as a reset function. Otherwise, a power-down is
required to put the pin back in reset configuration.
Table 7.
Multiplexed IO register map and reset values
7
0
MIR15
MIR14
MIR13
MIR12
MIR11
MIR10
MIR9
MIR8
Read/write once only
7
0
MIR7
MIR6
MIR5
MIR4
MIR3
MIR2
MIR1
MIR0
Read/write once only
Address
(Hex.)
Register
Label
76
54
32
10
0047h
MUXCR0
Reset Value
MIR7
0
MIR6
0
MIR5
0
MIR4
0
MIR3
0
MIR2
0
MIR1
0
MIR0
0
0048h
MUXCR1
Reset Value
MIR15
0
MIR14
0
MIR13
0
MIR12
0
MIR11
0
MIR10
0
MIR9
0
MIR8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com