Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXU0 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 33Page - STMicroelectronics ST7FOXU0 Datasheet HTML 34Page - STMicroelectronics ST7FOXU0 Datasheet HTML 35Page - STMicroelectronics ST7FOXU0 Datasheet HTML 36Page - STMicroelectronics ST7FOXU0 Datasheet HTML 37Page - STMicroelectronics ST7FOXU0 Datasheet HTML 38Page - STMicroelectronics ST7FOXU0 Datasheet HTML 39Page - STMicroelectronics ST7FOXU0 Datasheet HTML 40Page - STMicroelectronics ST7FOXU0 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 123 page
background image
ST7FOXU0
Supply, reset and clock management
37/123
6.5
Register description
6.5.1
RC calibration control/status register (RCC_CSR)
Reset value: 0000 0000 (00h)
Bits 7:2 = Reserved, forced by hardware to 0
0: Read mode
1: Write mode
Bit 1 = RCCLAT Latch Access Transfer bit: this bit is set by software.
It is cleared by hardware at the end of the programming cycle. It can only be cleared by
software if the RCCPGM bit is cleared
Bit 0 = RCCPGM Programming Control and Status bit
This bit is set by software to begin the programming cycle. At the end of the
programming cycle, this bit is cleared by hardware.
0: Programming finished or not yet started
1: Programming cycle is in progress
Note:
If the RCCPGM bit is cleared during the programming cycle, the memory data is not
guaranteed.
6.5.2
Main Clock Control/Status Register (MCCSR)
Reset value: 0000 0000 (00h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = MCO Main Clock Out enable bit
This bit is read/write by software and cleared by hardware after a reset. This bit allows
to enable the MCO output clock.
0: MCO clock disabled, I/O port free for general purpose I/O.
1: MCO clock enabled.
Bit 0 = SMS Slow mode selection bit
This bit is read/write by software and cleared by hardware after a reset. This bit selects
the input clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSC
1: Slow mode (fCPU = fOSC/32)
7
0
000000
RCCLAT
RCCPGM
Read/write
7
0
000000
MCO
SMS
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com