Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 114Page - STMicroelectronics ST7MC1K2 Datasheet HTML 115Page - STMicroelectronics ST7MC1K2 Datasheet HTML 116Page - STMicroelectronics ST7MC1K2 Datasheet HTML 117Page - STMicroelectronics ST7MC1K2 Datasheet HTML 118Page - STMicroelectronics ST7MC1K2 Datasheet HTML 119Page - STMicroelectronics ST7MC1K2 Datasheet HTML 120Page - STMicroelectronics ST7MC1K2 Datasheet HTML 121Page - STMicroelectronics ST7MC1K2 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
118/371
The OCiR register value required for a specific timing application can be calculated using
the following formula:
Equation 5
Where:
If the timer clock is an external clock the formula is:
Equation 6
Where:
The output compare 2 event causes the counter to be initialized to FFFCh (see Figure 52)
Note:
1
The OCF1 and OCF2 bits cannot be set by hardware in PWM mode therefore the output
compare interrupt is inhibited.
2
The ICF1 bit is set by hardware when the counter reaches the OC2R value and can produce
a timer interrupt if the ICIE bit is set and the I bit is cleared.
3
In PWM mode the ICAP1 pin can not be used to perform input capture because it is
disconnected to the timer. The ICAP2 pin can be used to perform input capture (ICF2 can be
set and IC2R can be loaded) but the user must take care that the counter is reset each
period and ICF1 can also generates interrupt if ICIE is set.
4
When the pulse width modulation (PWM) and one pulse mode (OPM) bits are both set, the
PWM mode is the only active one.
10.3.4
Low power modes
t =
signal or pulse period (in seconds)
fCPU =
CPU clock frequency (in hertz)
PRESC =
timer prescaler factor (2, 4 or 8 depending on CC[1:0] bits, see Table 51)
t =
signal or pulse period (in seconds)
fEXT =
external timer clock frequency (in hertz)
OCiR value =
t * fCPU
PRESC
- 5
OCiR=
t * fEXT -5
Table 47.
Effect of low power modes on 16-bit timer
Mode
Description
Wait
No effect on 16-bit timer.
Timer interrupts cause the device to exit from Wait mode.
Halt
16-bit timer registers are frozen.
In Halt mode, the counter stops counting until Halt mode is exited. Counting resumes from
the previous count when the device is woken up by an interrupt with ‘exit from Halt mode’
capability or from the counter reset value when the device is woken up by a reset.
If an input capture event occurs on the ICAPi pin, the input capture detection circuitry is
armed. Consequently, when the device is woken up by an interrupt with ‘exit from Halt
mode’ capability, the ICFi bit is set, and the counter value present when exiting from Halt
mode is captured into the ICiR register.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com