Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 115Page - STMicroelectronics ST7MC1K2 Datasheet HTML 116Page - STMicroelectronics ST7MC1K2 Datasheet HTML 117Page - STMicroelectronics ST7MC1K2 Datasheet HTML 118Page - STMicroelectronics ST7MC1K2 Datasheet HTML 119Page - STMicroelectronics ST7MC1K2 Datasheet HTML 120Page - STMicroelectronics ST7MC1K2 Datasheet HTML 121Page - STMicroelectronics ST7MC1K2 Datasheet HTML 122Page - STMicroelectronics ST7MC1K2 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
119/371
10.3.5
Interrupts
10.3.6
Summary of 16-bit timer modes
10.3.7
16-bit timer registers
Each timer is associated with three control and status registers, and with six pairs of data
registers (16-bit values) relating to the two input captures, the two output compares, the
counter and the alternate counter.
Control register 1 (CR1)
Table 48.
16-bit timer interrupt control/wake-up capability(1)
1.
The 16-bit timer interrupt events are connected to the same interrupt vector (see Section 7: Interrupts).
These events generate an interrupt if the corresponding enable control bit is set and the interrupt mask in
the CC register is reset (RIM instruction).
Interrupt event
Event
flag
Enable
control bit
Exit from
WAIT
Exit from
HALT
Input capture 1 event/counter reset in PWM mode
ICF1
ICIE
Yes
No
Input capture 2 event
ICF2
Yes
No
Output compare 1 event (not available in PWM mode)
OCF1
OCIE
Yes
No
Output compare 2 event (not available in PWM mode)
OCF2
Yes
No
Timer overflow event
TOF
TOIE
Yes
No
Table 49.
Summary of 16-bit timer modes
Modes
Available resources
Input
capture 1
Input
capture 2
Output
compare 1
Output
compare 2
Input capture(1) and/or (2)
1.
See note 4 in One pulse mode on page 114.
2.
See note 5 in One pulse mode on page 114.
Yes
Yes
Yes
Yes
Output compare (1) and/or (2)
Yes
Yes
Yes
Yes
One pulse mode
No
Not recommended(1)
No
Partially(2)
PWM mode
No
Not recommended(3)
3.
See note 4 in Pulse width modulation mode on page 116.
No
No
CR1
Reset value: 0000 0000 (00h)
7
654
32
10
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com