Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 219 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 215Page - STMicroelectronics ST7MC1K2 Datasheet HTML 216Page - STMicroelectronics ST7MC1K2 Datasheet HTML 217Page - STMicroelectronics ST7MC1K2 Datasheet HTML 218Page - STMicroelectronics ST7MC1K2 Datasheet HTML 219Page - STMicroelectronics ST7MC1K2 Datasheet HTML 220Page - STMicroelectronics ST7MC1K2 Datasheet HTML 221Page - STMicroelectronics ST7MC1K2 Datasheet HTML 222Page - STMicroelectronics ST7MC1K2 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
219/371
shifted left (multiplied by two). The RMI bit in the MISR register is set and an
interrupt is generated if RIM is set.
–
If the prescaler contents reach the value 0, it can no longer be automatically
decremented, the MTC continues working with the same prescaler value, that is,
with a lower accuracy. No RMI interrupt can be generated.
–
If the prescaler contents reach the value 15, it can no longer be automatically
incremented. When the timer reaches the value FFh, the prescaler and all the
relevant registers remain unchanged and no interrupt is generated, the timer
restarts counting from 0 x 00h and if the TES[1:0] bits = 00, the OI bit in the MCRC
register is set at each overflow (it has to be reset by software). The RPI bit is no
longer set. The PWM is still generated and the D and Z detection circuitry still
work, enabling the capture of the maximum timer value.
The automatically updated registers are: MTIM, MZREG, MZPRV, MCOMP and MDREG.
Access to these registers is summarized in Table 99.
Debug option
In both switched mode and autoswitched mode, setting the bit DG in MPWME register
enables the debug option. This option consists of outputting the C, D and Z signals in real
time on pins MCZEM and MCDEM. This is very useful during the debug phase of the
application. Figure 95 shows the signals output on pins MCDEM and MCZEM with the
debug option.
Note:
1
When the delay coefficient equals 0/256 (C event immediately after Z event), a
glitch appears on MCZEM pin to be able to see the event even in this case.
This option is also available in speed measurement mode with different signal outputs (see
Figure 95):
●
MCDEM toggles when a capture event is generated.
●
MCZEM toggles every time a U event is generated.
These signals are only available if the TES[1:0] bits = 10, 01 or 11.
2
In sensor mode, the MCDEM output pin toggles at each C event. The MCZEM
pin outputs the Z event.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com