Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 221 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 221 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 217Page - STMicroelectronics ST7MC1K2 Datasheet HTML 218Page - STMicroelectronics ST7MC1K2 Datasheet HTML 219Page - STMicroelectronics ST7MC1K2 Datasheet HTML 220Page - STMicroelectronics ST7MC1K2 Datasheet HTML 221Page - STMicroelectronics ST7MC1K2 Datasheet HTML 222Page - STMicroelectronics ST7MC1K2 Datasheet HTML 223Page - STMicroelectronics ST7MC1K2 Datasheet HTML 224Page - STMicroelectronics ST7MC1K2 Datasheet HTML 225Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
221/371
Note:
Commutation interrupts: It is good practice to modify the configuration for the next step as
soon as possible, that is, within the commutation interrupt routine.
All registers that need to be changed at each step have a preload register that enables the
modifications for a complete new configuration to be performed at the same time (at C event
in normal mode or when writing the MPHST register in direct access mode).
These configuration bits are:
CPB, HDM, SDM and OS2 in the MCRB register and IS[1:0], OO[5:0] in the MPHST
register.
Note:
Initializing the MTC: As shown in Table 99 all the MTIM timer registers are in read-write
mode until the MTC clock is enabled (with the CKE bit). This allows the timer, prescaler and
compare registers to be properly initialized for start-up.
In sensorless mode, the motor has to be started in switched mode until a BEMF voltage is
present on the inputs. This means the prescaler ST[3:0] bits and MCOMP register have to
be modified by software. When running the ST[3:0] bits can only be incremented/
decremented, so the initial value is very important.
When starting directly in autoswitched mode (in sensor mode for example), write an
appropriate value in the MZREG and MZPRV register to perform a step calculation as soon
as the clock is enabled.
Built-in checks and controls for simulated events
As described in Figure 92 on page 213, MZREG, MDREG and MCOMP registers are
capture/compare registers. The compare registers are write accessible and can be used to
generate simulated events. The value of the MTIM timer is compared with the value written
in the registers and when the MTIM value reaches the corresponding register value, the
simulated event is generated. Simulated event generation is enabled when the
corresponding bits are set:
●
In the MCRB register for simulated demagnetization
–
SDM bit for simulated demagnetization.
●
In the MCRC register for simulated zero-crossing and commutation
–
SC bit for simulated commutation.
–
SZ bit for simulated zero-crossing event.
To avoid a system stop, special attention is needed when writing in the register to generate
the corresponding simulated event. The value written in the register has to be greater than
the current value of the MTIM timer when writing in the registers. If the value written in the
registers (MDREG, MZREG or MCOMP) is already less than the current value of MTIM, the
simulated event is never generated and the system is stopped.
For this reason, built-in checks and controls have been implemented in the MTIM timer.
If the value written in one of those registers in simulated event generation mode is less than
or equal to the current value of the timer when it is compared, the simulated event is
generated immediately and the value of the MTIM timer at the time the simulated event
occurs overwrites the value in the registers. Like that the value in the register really
corresponds to the simulated event generation and can be re-used to generate the next
simulated event.
So, the value written in the registers able to generate simulated events is checked by
hardware and compare to the current MTIM value to verify that it is greater.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com