Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 231 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 231 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 227Page - STMicroelectronics ST7MC1K2 Datasheet HTML 228Page - STMicroelectronics ST7MC1K2 Datasheet HTML 229Page - STMicroelectronics ST7MC1K2 Datasheet HTML 230Page - STMicroelectronics ST7MC1K2 Datasheet HTML 231Page - STMicroelectronics ST7MC1K2 Datasheet HTML 232Page - STMicroelectronics ST7MC1K2 Datasheet HTML 233Page - STMicroelectronics ST7MC1K2 Datasheet HTML 234Page - STMicroelectronics ST7MC1K2 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
231/371
A logic block manages capture operations depending on the sensor type. A capture is
initiated on an active edge (‘tacho capture’ event) when using a tachogenerator.
If an encoder is used, the capture is triggered on two events depending on the encoder
capture mode bit (ECM) in the MZFR register:
●
Reading the MSB of the counter in manual mode (ECM = 1)
●
Interrupt from the real time clock in automatic mode (ECM = 0)
The clock source of the counter is selected depending on sensor type:
●
Motor control peripheral clock (16 MHz) with tachogenerator or hall sensors
●
Encoder clock
In order to optimize the accuracy of the measurement for a wide speed range, the auto-
updated prescaler functionality is used with slight modifications compared to
sensor/sensorless modes (refer to Figure 104 and Table 96).
●
When the [MTIM:MTIML] timer value reaches FFFFh, the prescaler is automatically
incremented in order to slow down the counter and avoid an overflow. To keep
consistent values, the MTIM and MTIML registers are shifted right (divided by two). The
RPI bit in the MISR register is set and an interrupt is generated (if RIM is set).
●
When a capture event occurs, if the [MTIM:MTIML] timer value is below 5500h, the
prescaler is automatically decremented in order to speed up the counter and keep
precision better than 0.005% (1/5500h). The MTIM and MTIML registers are shifted left
(multiplied by two). The RMI bit in the MISR register is set and an interrupt is generated
if RIM is set.
●
If the prescaler contents reach the value 0, it can no longer be automatically
decremented, the [MTIM:MTIML] timer continues working with the same prescaler
value, that is, with a lower accuracy. No RMI interrupt can be generated.
●
If the prescaler contents reach the value 15, it can no longer be automatically
incremented. When the timer reaches the value FFFFh, the prescaler and all the
relevant registers remain unchanged and no interrupt is generated, the timer clock is
disabled, and its contents stay at FFFFh. The capture logic block still works, enabling
the capture of the maximum timer value.
The only automatically updated registers for the speed sensor mode are MTIM and MTIML.
Access to delay manager registers in speed sensor mode is summarized in Table 99.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com