Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 233 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 233 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 229Page - STMicroelectronics ST7MC1K2 Datasheet HTML 230Page - STMicroelectronics ST7MC1K2 Datasheet HTML 231Page - STMicroelectronics ST7MC1K2 Datasheet HTML 232Page - STMicroelectronics ST7MC1K2 Datasheet HTML 233Page - STMicroelectronics ST7MC1K2 Datasheet HTML 234Page - STMicroelectronics ST7MC1K2 Datasheet HTML 235Page - STMicroelectronics ST7MC1K2 Datasheet HTML 236Page - STMicroelectronics ST7MC1K2 Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
233/371
Figure 105. Prescaler auto-change example
Summary
The use of the delay manager registers for the various available modes is summarized in Table 100.
Table 100.
MTIM timer-related registers
Name
Reset value
Switched/auto switched mode
Speed measurement mode
MTIM
00h
Timer value
16-bit timer MSB value
MTIML
00h
N/A
16-bit timer LSB value
MZREG
00h
Capture/compare Zn
Capture of 16-bit timer MSB
MZPRV
00h
Capture Zn-1
Capture of 16-bit timer LSB
MCOMP
00h
Compare Cn+1
N/A
MDREG
00h
Demagnetization Dn
Compare for speed error interrupt
generation
C
C
C
C
C
RPI
RMI
Capture events
FFFFh
FAFFh
8000h
5500h
S
Usual
working
range
C
RPI
S
Events:
Capture
Speed error
Ratio increment
RMI Ratio decrement
Notes:
[MTIM:MTIML]
[MTIM:MTIML] input clock:
Fx
Fx/2
(ST[3:0] = n)
(ST[3:0] = n+1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com