Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 251 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 247Page - STMicroelectronics ST7MC1K2 Datasheet HTML 248Page - STMicroelectronics ST7MC1K2 Datasheet HTML 249Page - STMicroelectronics ST7MC1K2 Datasheet HTML 250Page - STMicroelectronics ST7MC1K2 Datasheet HTML 251Page - STMicroelectronics ST7MC1K2 Datasheet HTML 252Page - STMicroelectronics ST7MC1K2 Datasheet HTML 253Page - STMicroelectronics ST7MC1K2 Datasheet HTML 254Page - STMicroelectronics ST7MC1K2 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
251/371
Programmable chopper
Depending on the application hardware (use of a pulse transformer, for example), a chopper
may be needed for the PWM signal. The MREF register allows the chopping frequency and
mode to be programmed.
The HFE[1:0] bits program the channels on which chopping is to be applied. The chopped
PWM signal may be needed for high side switches only, low side switches or both of them in
the same time (see Table 112).
The chopping frequency can be any of the eight values from 100 kHz to 2 MHz selected by
the HFRQ[2:0] bits in the MREF register (see Table 113).
Note:
When the PCN bit = 0:
- If complementary PWM signals are not applied (DTE bit = 0), the high and low drivers are
fixed by the MPAR register. Figure 109, Figure 115 and Figure 116 indicate where the
HFE[1:0] bits are taken into account depending on the PWM application.
- If complementary PWM signals are applied (DTE bit = 1), the channels are paired as
explained in Deadtime generator on page 245. This means that the high and low channels
are fixed and the HFE[1:0] bits indicate where to apply the chopper. Figure 117 shows
typical complementary PWM signals with high frequency chopping enabled on both high
and low drivers.
Table 112.
Chopping mode
HFE[1:0] bits
Chopping mode
HFE1
HFE0
PCN bit = 0
PCN bit = 1
00
OFF
OFF
0
1
Low channels only
Low side switches
MCO1, 3, 5
1
0
High channels only
High side switches
MCO0, 2, 4
1
1
Both low and high channels
Both high and low sides
Table 113.
Chopping frequency
HFRQ2
HFRQ1
HFRQ0
Chopping frequency
Fmtc =16MHz;
Fmtc =8MHz
Fmtc =4MHz
0
0
0
100 kHz
50 kHz
0
0
1
200 kHz
100 kHz
0
1
0
400 kHz
200 kHz
0
1
1
500 kHz
250 kHz
1
0
0
800 kHz
400 kHz
1
0
1
1 MHz
500 kHz
1
1
0
1.33 MHz
666.66 MHz
11
1
2 MHz
1 MHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com