Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 254 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 250Page - STMicroelectronics ST7MC1K2 Datasheet HTML 251Page - STMicroelectronics ST7MC1K2 Datasheet HTML 252Page - STMicroelectronics ST7MC1K2 Datasheet HTML 253Page - STMicroelectronics ST7MC1K2 Datasheet HTML 254Page - STMicroelectronics ST7MC1K2 Datasheet HTML 255Page - STMicroelectronics ST7MC1K2 Datasheet HTML 256Page - STMicroelectronics ST7MC1K2 Datasheet HTML 257Page - STMicroelectronics ST7MC1K2 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
254/371
PWM operating mode
The PWM generator can work in center-aligned or edge-aligned mode depending on the
CMS bit setting in the MPCR register.
Figure 119 shows the corresponding counting sequence.
It offers also an 8-bit mode to get a full 8-bit range with a single compare register write
access by setting the PMS bit in MPCR register.
The comparisons described here are performed between the PWM counter value extended
to 13 bits and the 13-bit compare register. Having a compare range greater than the counter
range is mandatory to get a full PWM range (that is, up to 100% modulation). This principle
is maintained for 8-bit PWM operations.
Center-aligned mode (CMS bit = 1)
In this operating mode, the PWM counter counts up to the value loaded in the 12-bit
compare 0 register then counts down until it reaches zero and restarts counting up.
The PWM signals are set to ‘0’ when the PWM counter reaches, in up-counting, the
corresponding 13-bit compare register value and they are set to ‘1’ when the PWM counter
reaches the 13-bit compare value again in down-counting.
Figure 119. Counting sequence in center-aligned and edge-aligned mode
If the 13-bit compare register value is greater than the extended compare 0 register (the 13th
bit is set to ‘0’), the corresponding PWM output signal is held at ‘1’.
If the 13-bit compare register value is 0, the corresponding PWM output signal is held at ‘0’.
Figure 120 shows some center-aligned PWM waveforms in an example where the
compare 0 register value = 8.
Center-aligned mode
0
1
2
....
15
16
15
....
2
1
0
1
T
Edge-aligned mode
0
1
2
.....
15
16
0
1
.....
16
0
1
T
T = PWM period, value of 12-bit compare 0 register = 16
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com