Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 260 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 260 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 256Page - STMicroelectronics ST7MC1K2 Datasheet HTML 257Page - STMicroelectronics ST7MC1K2 Datasheet HTML 258Page - STMicroelectronics ST7MC1K2 Datasheet HTML 259Page - STMicroelectronics ST7MC1K2 Datasheet HTML 260Page - STMicroelectronics ST7MC1K2 Datasheet HTML 261Page - STMicroelectronics ST7MC1K2 Datasheet HTML 262Page - STMicroelectronics ST7MC1K2 Datasheet HTML 263Page - STMicroelectronics ST7MC1K2 Datasheet HTML 264Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
260/371
10.6.13
MTC registers
Timer counter register (MTIM)
Timer counter register LSB (MTIML)
Capture Zn-1 register (MZPRV)
MTIM
Reset value: 0000 0000 (00h)
7
654
32
10
T[7:0]
R/W
Table 116.
MTIM register description
Bit Name
Function
7:0 T[7:0]
MTIM counter value
These bits contain the current value of the 8-bit up counter. In speed measurement
mode, when using encoder sensor and MTIM captures triggered by SW (refer to
Figure 103) a read access to MTIM register causes a capture of the [MTIM:MTIML]
register pair to the [MZREG: MZPRV] registers.
MTIML
Reset value: 0000 0000 (00h)
7
654
32
10
TL[7:0]
R/W
Table 117.
MTIML register description
Bit
Name
Function
7:0 TL[7:0]
MTIM counter value LSB
These bits contain the current value of the least significant byte of the MTIM up
counter, when used in speed measurement mode (that is, as a 16-bit timer).
MZPRV
Reset value: 0000 0000 (00h)
7
654
32
10
ZP[7:0]
R/W
Table 118.
MZPRV register description
Bit
Name
Function
7:0 ZP[7:0]
Previous Z value or speed capture LSB
These bits contain the previous captured BEMF value (ZN-1) in switched and
autoswitched mode or the LSB of the captured value of the [MTIM:MTIML] registers
in speed sensor mode.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com