Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 261 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 261 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 257Page - STMicroelectronics ST7MC1K2 Datasheet HTML 258Page - STMicroelectronics ST7MC1K2 Datasheet HTML 259Page - STMicroelectronics ST7MC1K2 Datasheet HTML 260Page - STMicroelectronics ST7MC1K2 Datasheet HTML 261Page - STMicroelectronics ST7MC1K2 Datasheet HTML 262Page - STMicroelectronics ST7MC1K2 Datasheet HTML 263Page - STMicroelectronics ST7MC1K2 Datasheet HTML 264Page - STMicroelectronics ST7MC1K2 Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
261/371
Capture Zn register (MZREG)
Compare Cn+1 register (MCOMP)
Demagnetization register (MDREG)
MZREG
Reset value: 0000 0000 (00h)
7
654
32
10
ZC[7:0]
R/W
Table 119.
MZREG register description
Bit
Name
Function
7:0 ZC[7:0]
Current Z value or speed capture MSB.
These bits contain the current captured BEMF value (ZN) in switched and
autoswitched mode or the MSB of the captured value of the [MTIM:MTIML] registers
in speed sensor mode. A read access to MZREG in this case disable the speed
captures up to MZPRV reading (refer to Speed measurement mode on page 227).
MCOMP
Reset value: 0000 0000 (00h)
7
654
32
10
DC[7:0]
R/W
Table 120.
MCOMP register description
Bit
Name
Function
7:0 DC[7:0]
Next compare value
These bits contain the compare value for the next commutation (CN+1).
MDREG
Reset value: 0000 0000 (00h)
7
654
32
10
DN[7:0]
R/W
Table 121.
MDREG register description
Bit
Name
Function
7:0 DN[7:0]
D value
These bits contain the compare value for simulated demagnetization (DN) and the
captured value for hardware demagnetization (DH) in switched and autoswitched
mode. In speed sensor mode, the register contains the value used for comparison
with MTIM registers to generate a speed error event.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com