Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 268 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 268 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 264Page - STMicroelectronics ST7MC1K2 Datasheet HTML 265Page - STMicroelectronics ST7MC1K2 Datasheet HTML 266Page - STMicroelectronics ST7MC1K2 Datasheet HTML 267Page - STMicroelectronics ST7MC1K2 Datasheet HTML 268Page - STMicroelectronics ST7MC1K2 Datasheet HTML 269Page - STMicroelectronics ST7MC1K2 Datasheet HTML 270Page - STMicroelectronics ST7MC1K2 Datasheet HTML 271Page - STMicroelectronics ST7MC1K2 Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
268/371
Control register B (MCRB)
MCRB
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
CPB(1)
1.
Preload bits, new value taken into account at the next C event (in normal mode) or when a value is written
in the MPHST register when in direct access mode. For more details refer to the description of the DAC bit
in Control register A (MCRA) on page 265. The use of a preload register allows all the registers to be
updated at the same time.
HDM(1)
SDM(1)
OCV
OS2(1)
OS[1:0]
-
R/W
R/W
R/W
R/W
R/W
R/W
Table 131.
MCRB register description
Bit
Name
Function
7
-
Reserved, must be kept at reset value.
6CPB
Compare bit for zero-crossing detection
0: Zero crossing detection on falling edge
1: Zero crossing detection on rising edge
5HDM
Hardware demagnetization event mask bit
0: Hardware demagnetization disabled
1: Hardware demagnetization enabled
4SDM
Simulated demagnetization event mask bit
0: Simulated demagnetization disabled
1: Simulated demagnetization enabled
3OCV
Over current handling in voltage mode
0: Overcurrent protection is OFF
1: Overcurrent protection is ON
This bit acts as described in Table 132.
2:0
OS2,
OS[1:0]
Operating output mode selection bits
These bits are used to define the various PWM output configurations. Refer to the
step behavior diagrams (Figure 110 and Figure 111), Table 133: Step
behavior/sensorless mode, Table 134: PWM mode when SR = 1, and Table 135:
PWM mode when DAC = 1.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com