Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 270 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 270 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 266Page - STMicroelectronics ST7MC1K2 Datasheet HTML 267Page - STMicroelectronics ST7MC1K2 Datasheet HTML 268Page - STMicroelectronics ST7MC1K2 Datasheet HTML 269Page - STMicroelectronics ST7MC1K2 Datasheet HTML 270Page - STMicroelectronics ST7MC1K2 Datasheet HTML 271Page - STMicroelectronics ST7MC1K2 Datasheet HTML 272Page - STMicroelectronics ST7MC1K2 Datasheet HTML 273Page - STMicroelectronics ST7MC1K2 Datasheet HTML 274Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
270/371
Warning:
As the MCRB register contains preload bits with, it has to be
written as a complete byte. A bit set or bit reset instruction on
a non-preload bit resets has the effect of resetting all the
preload bits.
Control register C (MCRC)
MCRB
Reset value: 0000 0000 (00h)
7
654
32
10
SEI/OI
EDIR/HZ
SZ
SC
SPLG
VR[2:0]
R/W
RO
R/W
R/W
R/W
R/W
Table 136.
MCRC register description
Bit
Name
Function
7
SEI/OI
Speed error interrupt flag/MTIM overflow flag
Position sensor or sensorless mode (TES[1:0] bits = 00):
OI: MTIM overflow flag
This flag signals an overflow of the MTIM timer. It has to be cleared by software.
0: No MTIM timer overflow
1: MTIM timer overflow
Note: No interrupt is associated with this flag.
Speed sensor mode (TES[1:0] bits = 01, 10, 11):
SEI: Speed error interrupt flag
0: No tacho error interrupt pending
1: Tacho error interrupt pending
6
EDIR/HZ
Encoder Direction bit/ Hardware zero-crossing event bit
Position sensor or sensorless mode (TES[1:0] bits = 00):
HZ: Hardware zero-crossing event bit
This read/write bit selects if the Z event is hardware or not.
0: No hardware zero-crossing event
1: Hardware zero-crossing event
Speed sensor mode (TES[1:0] bits = 01, 10, 11):
EDIR: Encoder direction bit
This bit is read-only. As the rotation direction depends on encoder outputs and
motor phase connections, this bit cannot indicate absolute direction. It therefore
gives the relative phase-shift (that is, advance/delay) between the two signals in
quadrature output by the encoder (see Figure 91).
0: MCIA input delayed compared to MCIB input
1: MCIA input in advance compared to MCIB input
5SZ
Simulated zero-crossing event bit
0: No simulated zero-crossing event
1: Simulated zero-crossing event
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com