Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 356 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 356 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 352Page - STMicroelectronics ST7MC1K2 Datasheet HTML 353Page - STMicroelectronics ST7MC1K2 Datasheet HTML 354Page - STMicroelectronics ST7MC1K2 Datasheet HTML 355Page - STMicroelectronics ST7MC1K2 Datasheet HTML 356Page - STMicroelectronics ST7MC1K2 Datasheet HTML 357Page - STMicroelectronics ST7MC1K2 Datasheet HTML 358Page - STMicroelectronics ST7MC1K2 Datasheet HTML 359Page - STMicroelectronics ST7MC1K2 Datasheet HTML 360Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MCxxx-Auto device configuration and ordering information ST7MC1K2-Auto, ST7MC1K6-Au-
356/371
14
ST7MCxxx-Auto device configuration and ordering
information
Each device is available for production in ROM versions and in user programmable versions (Flash) as
well as in factory coded versions (FASTROM). ST7MC1K2-Auto and ST7MC2S4-Auto are ROM devices.
ST7PMC1K2-Auto, ST7PMC2S4-Auto, ST7PMC1K6-Auto, and ST7PMC2S6-Auto devices are factory
advanced service technique ROM (FASTROM) versions: They are programmed Flash devices.
ST7FMC1K2-Auto, ST7FMC1K6-Auto, ST7FMC2S4-Auto, and ST7FMC2S6-Auto Flash devices are
shipped to customers with a default content (FFh), while ROM/FASTROM factory coded parts contain the
code supplied by the customer. This implies that Flash devices have to be configured by the customer
using the option bytes while the ROM devices are factory-configured.
14.1
Flash option bytes
The option bytes allow the hardware configuration of the microcontroller to be selected. They have no
address in the memory map and can be accessed only in programming mode (for example using a
standard ST7 programming tool). The default content of the Flash is fixed to FFh. This means that all the
options have ‘1’ as their default value.
Table 226.
Flash option bytes
Static option byte 0
Static option byte 1
76
54
321
07
654
32
10
WDG
VD
DIV2
PKG
Reserved
MCO
SW
10
21
0
1
0
Default
value
11
11
111
11
111
11
11
Table 227.
Option byte 0
Bit
Name
Function
OPT7
WDG HALT
Watchdog and Halt mode
This option bit determines if a reset is generated when entering Halt mode while the
Watchdog is active.
0: No reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6
WDG SW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5
CKSEL
Clock source selection.
0: PLL clock selected(1)
1: Oscillator clock selected
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com