Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 359 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 359 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 355Page - STMicroelectronics ST7MC1K2 Datasheet HTML 356Page - STMicroelectronics ST7MC1K2 Datasheet HTML 357Page - STMicroelectronics ST7MC1K2 Datasheet HTML 358Page - STMicroelectronics ST7MC1K2 Datasheet HTML 359Page - STMicroelectronics ST7MC1K2 Datasheet HTML 360Page - STMicroelectronics ST7MC1K2 Datasheet HTML 361Page - STMicroelectronics ST7MC1K2 Datasheet HTML 362Page - STMicroelectronics ST7MC1K2 Datasheet HTML 363Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
ST7MCxxx-Auto device
359/371
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, and ST7MC2S6-Auto microcontroller option list
(Last update: June 2006)
Customer:
.....................................................................
Address:
.....................................................................
.....................................................................
Contact:
.....................................................................
Phone No:
.....................................................................
Reference/ROM or FASTROM code: ...............................
The ROM or FASTROM/ROM code name is assigned by STMicroelectronics.
ROM or FASTROM/ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
----------------------------------------------------------------------------------------------------------------------------------------------
ROM
8K
16K
32K
----------------------------------------------------------------------------------------------------------------------------------------------
LQFP32:
[ ] ST7MC1K2
LQFP44:
[ ] ST7MC2S4
----------------------------------------------------------------------------------------------------------------------------------------------
----------------------------------------------------------------------------------------------------------------------------------------------
FASTROM
8K
16K
32K
----------------------------------------------------------------------------------------------------------------------------------------------
LQFP32:
[ ] ST7PMC1K2
[ ] ST7PMC1K6
LQFP44:
[ ] ST7PMC2S4
[ ] ST7PMC2S6
----------------------------------------------------------------------------------------------------------------------------------------------
Conditioning for LQFP package (check only one option):
[ ] Tape and Reel
[ ] Tray
Temperature range:
[ ] A (-40°C to +85°C)
[ ] C (-40°C to +125°C)
Special marking:
[ ] No
[ ] Yes ".........................." (10 char. max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
MCO (motor control output
state under reset)
[ ] Hiz
[ ] Low
[ ] high
DIV2
[ ] Disabled
[ ] Enabled
CKSEL
[ ] Oscillator clock
[ ] PLL clock
Watchdog selection
[ ] Software activation
[ ] Hardware activation
Halt when watchdog on
[ ] Reset
[ ] No reset
Readout protection
[ ] Disabled
[ ] Enabled
LVD reset
[ ] Disabled
[ ] Enabled
AVD interrupt
(if LVD enabled)
[ ] Disabled
[ ] Enabled
Reset delay
[ ] 256 cycles
[ ] 4096 cycles
Supply operating range in the application: ..........................................................................................................................
Notes
......................................................................................................................................................................
Date
................
Signature .............................
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com